Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQT13N06TF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQT13N06TF
Description  N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQT13N06TF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQT13N06TF Datasheet HTML 1Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 2Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 3Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 4Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 5Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 6Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 7Page - Fairchild Semiconductor FQT13N06TF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FQT13N06
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQT13N06
Unit
VDSS
Drain-Source Voltage
60
V
ID
Drain Current
- Continuous (TC = 25°C)
2.8
A
- Continuous (TC = 70°C)
2.24
A
IDM
Drain Current
- Pulsed
(Note 1)
11.2
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
85
mJ
IAR
Avalanche Current
(Note 1)
2.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.21
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
PD
Power Dissipation (TC = 25°C)
2.1
W
- Derate above 25°C
0.017
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Unit
RθJA
Thermal Resistance, Junction-to-Ambient *
--
60
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
SOT-223
* When mounted on the minimum pad size recommended (PCB Mount)
G
D
S
Description
This N-Channel enhancement mode power MOSFET
is produced using Fairchild Semiconductor®’s
proprietary planar stripe and DMOS technology. This
advanced MOSFET technology has been especially
tailored to reduce on-state resistance, and to provide
superior switching performance and high avalanche
energy strength. These devices are suitable for
switched mode power supplies, audio amplifier, DC
motor control, and variable switching power
applications.
Features
2.8 A, 60 V, RDS(on)=140 mΩ(Max.) @VGS=10 V, ID=1.4 A
• Low
Gate Charge (Typ. 5.8 nC)
• Low Crss (
Typ. 15 pF)
• 100%
Avalanche Tested
March 2013
N-Channel QFET® MOSFET
60 V, 2.8 A, 140 mΩ
©20
02 Fairchild Semiconductor Corporation
FQT13N06 Rev. C0
www.fairchildsemi.com


Similar Part No. - FQT13N06TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQT13N06 FAIRCHILD-FQT13N06 Datasheet
688Kb / 8P
   60V N-Channel MOSFET
FQT13N06L FAIRCHILD-FQT13N06L Datasheet
675Kb / 8P
   60V LOGIC N-Channel MOSFET
FQT13N06L FAIRCHILD-FQT13N06L Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
More results

Similar Description - FQT13N06TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD30N06TM FAIRCHILD-FQD30N06TM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 22.7 A, 45 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com