Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLP4555MPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FXLP4555MPX
Description  1.8V / 3.0V SIM Card Power Supply and Level Shifter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP4555MPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FXLP4555MPX Datasheet HTML 2Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 3Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 4Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 5Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 6Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 7Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 8Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 9Page - Fairchild Semiconductor FXLP4555MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
6
Electrical Characteristics
TA=-40°C to +85°C. Device meets the specifications after thermal equilibrium has been established when mounted in
a test socket or printed circuit board with maintained transverse airflow greater than 500lfpm. Electrical parameters
are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding
these conditions is not implied. Device specification limit values are applied individually under normal operating
conditions and not valid simultaneously.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Power Supply Section
VBAT
Power Supply
2.7
5.5
V
I VBAT
Operating Current
ICC=0mA, VBAT > 3.0V if VSEL=1 or
VBAT > 2.7V if VSEL=0
16
25
µA
I VBAT_SD
Shutdown Current
EN=Low
3
µA
VCCA
Operating Voltage
1.65
5.50
V
IVCCA
Operating Current
(3)
fCLK=1MHz
7
12
µA
IVCCA_SD
Shutdown Current
EN=Low
1
µA
VCCA
Under-Voltage
Lockout
0.6
1.5
V
VCC_C
SIM Card Supply
Voltage
VSEL=High, VBAT=3.0V,
IVCC_C=50mA
2.8
V
VSEL=High, VBAT=3.3V – 5.5V,
IVCC_C=0mA - 50mA
2.8
3.0
3.2
VSEL=Low, VBAT=2.7V – 5.5V,
IVCC_C=0mA - 50mA
1.7
1.8
1.9
IVCC_C_SC
Short-Circuit Current
VCC_C Shorted to Ground, TA=25°C
175
mA
Digital Input / Output Section (CLK, RST, I/O, EN, VSEL)
VIN
Input Voltage Range
EN, VSEL, RST_H, CLK_H, I/O_H
0
VCCA
V
IIH, IIL
Input Current
EN, VSEL, RST_H, CLK_H
-100
100
nA
VIH
High Level Input
Voltage
RST_H, CLK_H, EN, VSEL
0.7 •
VCCA
VCCA
V
VIL
Low Level Input
Voltage
RST_H, CLK_H
0.2 *
VCCA
V
EN, VSEL
0
0.4
VOH_I/O
High Level Output
Voltage
I/O_C=VCC_C, IOH_I/O=-20µA
0.7 •
VCCA
VCCA
V
VOL_I/O
Low Level Output
Voltage
I/O_C=0 V, IOL_I/O=200µA
0
0.4
V
IIH
High Level Input
Current
I/O
-20
20
µA
IIL
Low Level Input
Current
I/O
1.0
mA
Rpu_I/O_H
I/O Pull-Up Resistor
12
18
24
kΩ
Continued on the following page…


Similar Part No. - FXLP4555MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLP4555MPX ONSEMI-FXLP4555MPX Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
More results

Similar Description - FXLP4555MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com