Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV8192T-12TC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV8192T-12TC
Description  8-Megabit 512K x 16 CMOS Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV8192T-12TC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV8192T-12TC Datasheet HTML 1Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 2Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 3Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 4Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 5Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 6Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 7Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 8Page - ATMEL Corporation AT49BV8192T-12TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features
Low Voltage Operation
–2.7V Read
– 5V Program/Erase
Fast Read Access Time - 120 ns
Internal Erase/Program Control
Sector Architecture
– One 8K Words (16K bytes) Boot Block with Programming Lockout
– Two 8K Words (16K bytes) Parameter Blocks
– One 488K Words (976K bytes) Main Memory Array Block
Fast Sector Erase Time - 10 seconds
Word-By-Word Programming - 30
µs/Word
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 25 mA Active Current
–50
µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49BV8192 and AT49LV8192 are 3-volt, 8-megabit Flash Memories organized
as 512K words of 16 bits each. Manufactured with Atmel’s advanced nonvolatile
CMOS technology, the devices offer access times to 120 ns with power dissipation of
just 67 mW at 2.7V read. When deselected, the CMOS standby current is less than 50
µA.
8-Megabit
(512K x 16)
CMOS Flash
Memory
AT49BV8192
AT49BV8192T
AT49LV8192
AT49LV8192T
0978B-A–11/97
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
V
PP
Program/Erase Power
Supply
I/O0 - I/O15
Data
Inputs/Outputs
NC
No Connect
SOIC (SOP)
RESET
A8
A9
A10
A11
A12
A13
A14
A15
A16
NC
GND
I/O15
I/O7
I/O14
I/O6
I/O13
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
WE
I/O5
I/O12
25
26
A18
A17
A7
A6
A5
A4
A3
A2
A1
GND
I/O0
I/O8
I/O1
I/O9
I/O2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VPP
I/O10
I/O3
19
20
21
22
I/O4
VCC
23
24
CE
OE
I/O11
A0
TSOP Top View
Type 1
A13
A12
A10
A11
A8
NC
A9
NC
A18
NC
RESET
VPP
WE
NC
1
2
4
3
6
5
10
9
7
8
14
13
11
12
I/O3
I/O11
I/O10
I/O2
I/O12
I/O5
I/O4
VCC
I/O6
I/O13
I/O7
I/O14
I/O15
GND
41
40
38
39
36
35
37
44
42
43
46
45
47
48
33
34
I/O1
I/O9
15
16
A17
A7
A6
20
19
I/O8
I/O0
30
29
31
32
17
18
A5
A15
A14
NC
A16
21
22
23
24
25
26
27
28
A4
A3
A2
A1
GND
OE
CE
A0
(continued)


Similar Part No. - AT49BV8192T-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV8192A ATMEL-AT49BV8192A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-10CI ATMEL-AT49BV8192A-10CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV8192A-11CI ATMEL-AT49BV8192A-11CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV8192A-12CC ATMEL-AT49BV8192A-12CC Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV8192T-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com