Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2315CBZ-REEL1 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2315CBZ-REEL1
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2315CBZ-REEL1 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2315CBZ-REEL1 Datasheet HTML 6Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 7Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 8Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 9Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 10Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 11Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 12Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 13Page - Analog Devices SSM2315CBZ-REEL1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2315
Rev. A | Page 10 of 16
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
FREQUENCY (Hz)
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
FREQUENCY (Hz)
Figure 28. Common-Mode Rejection Ratio (CMRR) vs. Frequency
8
7
6
5
4
3
2
1
0
–1
–2
–2
20
18
16
14
12
10
8
6
4
2
0
TIME (ms)
OUTPUT
SD INPUT
Figure 29. Turn-On Response
8
7
6
5
4
3
2
1
0
–1
–2
–90
90
70
50
30
10
–10
–30
–50
–70
TIME (µs)
SD INPUT
OUTPUT
Figure 30. Turn-Off Response


Similar Part No. - SSM2315CBZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2315CBZ-REEL1 AD-SSM2315CBZ-REEL1 Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
More results

Similar Description - SSM2315CBZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com