Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4414-154MR Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS4414-154MR
Description  Shielded Power Inductors ??LPS4414
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4414-154MR Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS4414-154MR Datasheet HTML 1Page - Coilcraft lnc. LPS4414-154MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–LPS4414 Series
Document 548-2
Typical L vs Current
0.01
0.1
110
Current (A)
0.1
1
10
10000
1000
100
1000 µH
3300 µH
1 µH
10 µH
3.3 µH
33 µH
330 µH
100 µH
Typical L vs Frequency
0.1
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
1 µH
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
Current Derating
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Dimensions are in
inches
mm
Document 548-2 Revised 08/01/13
Dimensions are of the case not including
the termination. For maximum overall
dimensions including the termination, add
0.005 in/ 0,13 mm.
For optional tin-lead and tin-silver-copper
terminations, dimensions are for the
mounted part. Dimensions before mounting
can be an additional 0.005 inch/ 0,13 mm).
*
0.169 ±0.004
4,30 ±0,10
0.169 ±0.004
4,30 ±0,10
0.059
1,50
Winding
direction
Dash
number
0.0551
1,40
max
Internal
code
XXXX
0.185
4,70
0.118
3,00
0.128
3,25
0.059
1,50
0.185
4,70
0.055
1,40
Recommended
Land Pattern
0.118
3,00
0.124
3,15
0.030
0,75
typ
typ
0.030
0,75
*
*
*
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.52 mm pocket depth
NOTE NEW PART ORIENTATION Parts are rotated 90° in the
packaging tape compared to previous versions of this product.
NEW
OLD
123
123
123


Similar Part No. - LPS4414-154MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4414-154MR COILCRAFT-LPS4414-154MR Datasheet
153Kb / 2P
   Shielded Power Inductors ??LPS4414
LPS4414-154MR COILCRAFT-LPS4414-154MR Datasheet
419Kb / 2P
   Shielded Power Inductors
More results

Similar Description - LPS4414-154MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4414-105MLC COILCRAFT-LPS4414-105MLC Datasheet
153Kb / 2P
   Shielded Power Inductors ??LPS4414
LPS4414-123MLB COILCRAFT-LPS4414-123MLB Datasheet
139Kb / 2P
   Shielded Power Inductors ??LPS4414
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com