Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3316T-274L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO3316T-274L
Description  SMT Power Inductors ??DO3316T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316T-274L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO3316T-274L Datasheet HTML 1Page - Coilcraft lnc. DO3316T-274L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
HIGH TEMPERA
TURE
SMTPowerInductors – DO3316T
Document 365-1
DCR
SRF4
L2
%
max
typ
Isat5 Irms6
Part number1
(µH)
tol3 (Ohms) (MHz) (A)
(A)
DO3316T-331ML_
0.33
20
0.002
200
20
16
DO3316T-681ML_
0.68
20
0.005
200
13
12
DO3316T-102ML_
1.0
20
0.006
100
11
10
DO3316T-152ML_
1.5
20
0.008
90
9.0
9.0
DO3316T-222_L_
2.2
20,10 0.011
90
7.8
7.4
DO3316T-272_L_
2.7
20,10 0.012
65
7.0
6.6
DO3316T-332_L_
3.3
20,10 0.014
60
6.4
5.9
DO3316T-392_L_
3.9
20,10 0.015
50
5.9
5.3
DO3316T-472_L_
4.7
20,10 0.018
50
5.4
4.8
DO3316T-562_L_
5.6
20,10 0.021
45
4.7
4.65
DO3316T-682_L_
6.8
20,10 0.024
43
4.4
4.40
DO3316T-822_L_
8.2
20,10 0.032
34
4.0
4.15
DO3316T-103_L_
10
20,10 0.034
31
3.9
3.90
DO3316T-123_L_
12
20,10 0.036
27
3.4
3.50
DO3316T-153_L_
15
20,10 0.045
25
3.1
3.10
DO3316T-183_L_
18
20,10 0.050
22
2.8
2.90
DO3316T-223_L_
22
20,10 0.070
18
2.5
2.70
DO3316T-273_L_
27
20,10 0.085
18
2.3
2.30
DO3316T-333_L_
33
20,10 0.100
17
2.0
2.10
DO3316T-393_L_
39
20,10 0.120
15
1.8
1.95
DO3316T-473_L_
47
20,10 0.150
14
1.65 1.80
DO3316T-563_L_
56
20,10 0.165
12
1.45 1.65
DO3316T-683_L_
68
20,10 0.220
11
1.40 1.50
DO3316T-823_L_
82
20,10 0.250
10
1.30 1.40
DO3316T-104_L_ 100
20,10 0.280
9.0
1.20 1.30
DO3316T-124_L_ 120
20,10 0.400
8.0
1.00 1.00
DO3316T-154_L_ 150
20,10 0.460
6.0
0.90 0.90
DO3316T-184_L_ 180
20,10 0.520
6.0
0.85 0.85
DO3316T-224_L_ 220
20,10 0.700
5.0
0.80 0.80
DO3316T-274_L_ 270
20,10 0.800
5.0
0.75 0.70
DO3316T-334_L_ 330
20,10 1.07
4.5
0.60 0.60
DO3316T-394_L_ 390
20,10 1.14
4.0
0.62 0.55
DO3316T-474_L_ 470
20,10 1.27
3.5
0.50 0.50
1. When ordering, specify
tolerance, termination and packaging codes:
DO3316T-474MLD
Tolerance: M = 20%, K = 10% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (750 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. Tolerances in bold are stocked for immediate shipment.
4. SRF measured using Agilent/HP 8753D network analyzer.
5. DC current at which the inductance drops 10% (typ) from its value with-
out current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C396 contains 3 of each 20% value
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver-copper over copper. Other
terminations available at additional cost.
Weight 0.95 – 1.25 g
Ambient temperature –40°C to +155°C. See derating curve for
Irms vs Temperature.
Storage temperature Component: –40°C to +155°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/13
″ reel Plastic tape: 24 mm wide, 0.35 mm thick,
12 mm pocket spacing, 6.4 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Designed for high temperature applications – over 125°C
ambient
• AEC-Q200 qualified; ideal for many automotive applications
• Soldered self-leaded construction for excellent solderability
• 10% tolerance for most values
• Low DCR and high current handling
Document 365-1 Revised 09/25/12


Similar Part No. - DO3316T-274L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316T-274L COILCRAFT-DO3316T-274L Datasheet
203Kb / 2P
   SMT Power Inductors ??DO3316T
More results

Similar Description - DO3316T-274L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316T-473MLD COILCRAFT-DO3316T-473MLD Datasheet
246Kb / 2P
   SMT Power Inductors - DO3316T
DO3316T-223MLB COILCRAFT-DO3316T-223MLB Datasheet
203Kb / 2P
   SMT Power Inductors ??DO3316T
DO3316T-223MLB COILCRAFT-DO3316T-223MLB Datasheet
248Kb / 2P
   SMT Power Inductors . DO3316T
DO3316T COILCRAFT-DO3316T_15 Datasheet
451Kb / 2P
   SMT Power Inductors ??DO3316T
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com