Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV8192AT-12CC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV8192AT-12CC
Description  8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV8192AT-12CC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV8192AT-12CC Datasheet HTML 1Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 2Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 3Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 4Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 5Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 6Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 7Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 8Page - ATMEL Corporation AT49BV8192AT-12CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
2.7V to 3.6V Read/Write Operation
Fast Read Access Time - 120 ns
Internal Erase/Program Control
Sector Architecture
– One 8K Words (16K bytes) Boot Block with Programming Lockout
– Two 4K Words (8K bytes) Parameter Blocks
– One 496K Words (992K bytes) Main Memory Array Block
Fast Sector Erase Time - 10 seconds
Byte-by-Byte or Word-By-Word Programming - 30
µµµµs Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low-Power Dissipation
– 25 mA Active Current
–50
µµµµA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49BV008A(T) and AT49BV8192A(T) are 3-volt, 8-megabit Flash Memories
organized as 1,048,576 words of 8 bits each or 512K words of 16 bits each. Manufac-
tured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access
times to 120 ns with power dissipation of just 67 mW at 2.7V read. When deselected,
the CMOS standby current is less than 50
µA.
The device contains a user-enabled “boot block” protection feature. Two versions of
the feature are available: the AT49BV008A/8192A locates the boot block at lowest
order addresses (“bottom boot”); the AT49BV008AT/8192AT locates it at highest
order addresses (“top boot”).
To allow for simple in-system reprogrammability, the AT49BV008A(T)/8192A(T) does
not require high input voltages for programming. Reading data out of the device is
similar to reading from an EPROM; it has standard CE, OE, and WE inputs to avoid
bus contention. Reprogramming the AT49BV008A(T)/8192A(T) is performed by first
erasing a block of data and then programming on a byte-by-byte or word-by-word
basis.
8-Megabit
(1M x 8/
512K x 16)
CMOS Flash
Memory
AT49BV008A
AT49BV008AT
AT49BV8192A
AT49BV8192AT
Preliminary
Rev. 1049C–09/98
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
Ready/Busy Output
VPP
Optional Power Supply for Faster
Program/Erase Operations
I/O0 - I/O14
Data Inputs/Outputs
I/O15 (A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
(continued)


Similar Part No. - AT49BV8192AT-12CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV8192AT-11CI ATMEL-AT49BV8192AT-11CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV8192AT-11TI ATMEL-AT49BV8192AT-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results

Similar Description - AT49BV8192AT-12CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com