Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F8192T-12RC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49F8192T-12RC
Description  8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8192T-12RC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49F8192T-12RC Datasheet HTML 3Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 4Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 5Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 6Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 7Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 8Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 9Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 10Page - ATMEL Corporation AT49F8192T-12RC Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AT49F8192/8192T
8
Program Cycle Characteristics
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 5555. For sec-
tor erase, the address depends on what sector is to
be erased. (See note 4 under command definitions.)
3. For chip erase, the data should be 10H, and for sector
erase, the data should be 30H.
Symbol
Parameter
Min
Max
Units
tBP
Word Programming Time
50
µs
tAS
Address Set-up Time
10
ns
tAH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
10
ns
tWP
Write Pulse Width
90
ns
tWPH
Write Pulse Width High
90
ns
tEC
Erase Cycle Time
10
seconds


Similar Part No. - AT49F8192T-12RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A ATMEL-AT49F8192A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A ATMEL-AT49F8192A Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CC ATMEL-AT49F8192A-12CC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CI ATMEL-AT49F8192A-12CI Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12RC ATMEL-AT49F8192A-12RC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F8192T-12RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com