Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV002-12PI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49LV002-12PI
Description  2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV002-12PI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49LV002-12PI Datasheet HTML 5Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 6Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 7Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 8Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 9Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 10Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 11Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 12Page - ATMEL Corporation AT49LV002-12PI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AT49BV/LV002(N)(T)
9
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1.
OE must be high only when WE and CE are both low.
2.
For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased.
(See note 4 under command definitions.)
3.
For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte Programming Time
30
50
µs
t
AS
Address Set-up Time
0
ns
t
AH
Address Hold Time
70
ns
t
DS
Data Set-up Time
70
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
90
ns
t
WPH
Write Pulse Width High
90
ns
t
EC
Erase Cycle Time
10
seconds
A0 - A17
OE
(1)
AA
80
Note 3
55
55
5555
5555
Note 2
AA
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
2AAA
2AAA
tWPH
tWP
CE
WE
A0 - A17
DATA
tAS
tAH
tEC
tDH
tDS
5555


Similar Part No. - AT49LV002-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV002 ATMEL-AT49LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV002N ATMEL-AT49LV002N Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV002NT ATMEL-AT49LV002NT Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV002T ATMEL-AT49LV002T Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results

Similar Description - AT49LV002-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com