Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9031RNXCA Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # KSZ9031RNXCA
Description  MIC94300/MIC94310 - Power Supply Output Noise Attenuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ9031RNXCA Datasheet(HTML) 5 Page - Micrel Semiconductor

  KSZ9031RNXCA Datasheet HTML 1Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 2Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 3Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 4Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 5Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 6Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 7Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9
SM802121 - ClockWorks™ 10GbE (156.25MHz),
Ultra-Low Jitter, LVPECL Frequency Jitter
SM802121 Block Diagram
The SM802121 is a member of the ClockWorks™ family of devices from
Micrel and provides an extremely low noise timing solution for 10GbE
Ethernet clock signals. It is based upon a unique patented RotaryWave®
architecture that provides very low phase noise.
The device operates from a 2.5V or 3.3V power supply and synthesizes
a single LVPECL output clock at 156.25MHz. The SM802121 accepts a
25MHz crystal or LVCMOS reference clock.
(1.875MHz to 20MHz): 110fs
C to +85 C)
4mm QFN package
Applications
Features
SM802123 - ClockWorks™ 125MHz/25MHz
Ultra-Low Jitter, LVCMOS Frequency
Synthesizer
SM802123 Block Diagram
The SM802123 is a member of the ClockWorks™ family of devices from
Micrel and provides an extremely low noise timing solution. It is based upon
a unique patented RotaryWave® architecture that provides very low phase
noise.
The device operates from a 2.5V or 3.3V power supply and synthesizes
16 LVCMOS output clocks, eight at 125MHz and eight at 25MHz. The
SM802123 accepts a 25MHz LVCMOS reference input.
eight LVCMOS output clocks at 25MHz
(1.875MHz to 20MHz): 115fs
C to +85 C)
7mm QFN package
Applications
Features
5


Similar Part No. - KSZ9031RNXCA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9031RNXCA MICREL-KSZ9031RNXCA Datasheet
973Kb / 75P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9031RNXCA MICROCHIP-KSZ9031RNXCA Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9031RNXCA MICROCHIP-KSZ9031RNXCA Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9031RNXCA-TR MICROCHIP-KSZ9031RNXCA-TR Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9031RNXCA-TRVAO MICROCHIP-KSZ9031RNXCA-TRVAO Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
More results

Similar Description - KSZ9031RNXCA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
IRC - a TT electronics ...
HFR-PAT3042PLF-50R0-00-B IRCTT-HFR-PAT3042PLF-50R0-00-B Datasheet
276Kb / 2P
   High Power Flanged Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com