Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT6002-4AC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT6002-4AC
Description  Coprocessor Field Programmable Gate Arrays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-4AC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT6002-4AC Datasheet HTML 1Page - ATMEL Corporation AT6002-4AC Datasheet HTML 2Page - ATMEL Corporation AT6002-4AC Datasheet HTML 3Page - ATMEL Corporation AT6002-4AC Datasheet HTML 4Page - ATMEL Corporation AT6002-4AC Datasheet HTML 5Page - ATMEL Corporation AT6002-4AC Datasheet HTML 6Page - ATMEL Corporation AT6002-4AC Datasheet HTML 7Page - ATMEL Corporation AT6002-4AC Datasheet HTML 8Page - ATMEL Corporation AT6002-4AC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Features
High-performance
– System Speeds > 100 MHz
– Flip-flop Toggle Rates > 250 MHz
– 1.2 ns/1.5 ns Input Delay
– 3.0 ns/6.0 ns Output Delay
Up to 204 User I/Os
Thousands of Registers
Cache Logic® Design
– Complete/Partial In-System Reconfiguration
– No Loss of Data or Machine State
– Adaptive Hardware
Low Voltage and Standard Voltage Operation
– 5.0 (VCC = 4.75V to 5.25V)
– 3.3 (V
CC = 3.0V to 3.6V)
Automatic Component Generators
– Reusable Custom Hard Macro Functions
Very Low-power Consumption
– Standby Current of 500 µA/ 200 µA
– Typical Operating Current of 15 to 170 mA
Programmable Clock Options
– Independently Controlled Column Clocks
– Independently Controlled Column Resets
– Clock Skew Less Than 1 ns Across Chip
Independently Configurable I/O (PCI Compatible)
– TTL/CMOS Input Thresholds
– Open Collector/Tristate Outputs
– Programmable Slew-rate Control
– I/O Drive of 16 mA (combinable to 64 mA)
Easy Migration to Atmel Gate Arrays for High Volume Production
Description
AT6000 Series SRAM-based Field Programmable Gate Arrays (FPGAs) are ideal for
use as reconfigurable coprocessors and implementing compute-intensive logic.
Supporting system speeds greater than 100 MHz and using a typical operating current
of 15 to 170 mA, AT6000 Series devices are ideal for high-speed, compute-intensive
designs. These FPGAs are designed to implement Cache Logic®, which provides the
user with the ability to implement adaptive hardware and perform hardware
acceleration.
The patented AT6000 Series architecture employs a symmetrical grid of small yet
powerful cells connected to a flexible busing network. Independently controlled clocks
and resets govern every column of cells. The array is surrounded by programmable
I/O.
AT6000 Series Field Programmable Gate Arrays
Device
AT6002
AT6003
AT6005
AT6010
Usable Gates
6,000
9,000
15,000
30,000
Cells
1,024
1,600
3,136
6,400
Registers (maximum)
1,024
1,600
3,136
6,400
I/O (maximum)
96
120
108
204
Typ. Operating Current (mA)
15 - 30
25 - 45
40 - 80
85 - 170
Cell Rows x Columns
32 x 32
40 x 40
56 x 56
80 x 80
Rev. 0264F–10/99
Coprocessor
Field
Programmable
Gate Arrays
AT6000(LV)
Series
(continued)


Similar Part No. - AT6002-4AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
More results

Similar Description - AT6002-4AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com