Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C1051 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89C1051
Description  8-Bit Microcontroller with 1K Byte Flash
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C1051 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89C1051 Datasheet HTML 3Page - ATMEL Corporation AT89C1051 Datasheet HTML 4Page - ATMEL Corporation AT89C1051 Datasheet HTML 5Page - ATMEL Corporation AT89C1051 Datasheet HTML 6Page - ATMEL Corporation AT89C1051 Datasheet HTML 7Page - ATMEL Corporation AT89C1051 Datasheet HTML 8Page - ATMEL Corporation AT89C1051 Datasheet HTML 9Page - ATMEL Corporation AT89C1051 Datasheet HTML 10Page - ATMEL Corporation AT89C1051 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AT89C1051
4-9
Chip Erase: The entire PEROM array (1K byte) and the
two Lock Bits are erased electrically by using the proper
combination of control signals and by holding P3.2 low for
10 ms. The code array is written with all “1”s in the Chip
Erase operation and must be executed before any non-
blank memory byte can be re-programmed.
Reading the Signature Bytes: The signature bytes are
read by the same procedure as a normal verification of
locations 000H, 001H, and 002H, except that P3.5 and
P3.7 must be pulled to a logic low. The values returned are
as follows.
(000H) = 1EH indicates manufactured by Atmel
(001H) = 11H indicates 89C1051
Programming Interface
Every code byte in the Flash array can be written and the
entire array can be erased by using the appropriate combi-
nation of control signals. The write operation cycle is self-
timed and once initiated, will automatically time itself to
completion.
Figure 3. Programming the Flash Memory
Figure 4. Verifying the Flash Memory
P3.1
P3.3
P3.5
P3.2
RDY/BSY
PROG
SEE FLASH
PROGRAMMING
MODES TABLE
TO INCREMENT
ADDRESS COUNTER
P1
5V
P3.4
PGM
DATA
V/ V
I H
PP
P3.7
RST
XTAL1
GND
V
CC
AT89C1051
P3.3
P3.5
P3.2
P1
5V
P3.4
PGM
DATA
V
I H
V
I H
P3.7
RST
XTAL1
GND
V
CC
AT89C1051
SEE FLASH
PROGRAMMING
MODES TABLE


Similar Part No. - AT89C1051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT89C1051 ETC2-AT89C1051 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89C1051U ATMEL-AT89C1051U Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
AT89C1051U ATMEL-AT89C1051U Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U-12PA ATMEL-AT89C1051U-12PA Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
AT89C1051U-12PC ATMEL-AT89C1051U-12PC Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
More results

Similar Description - AT89C1051

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com