Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C1051-12SC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89C1051-12SC
Description  8-Bit Microcontroller with 1K Byte Flash
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C1051-12SC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89C1051-12SC Datasheet HTML 4Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 5Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 6Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 7Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 8Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 9Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 10Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 11Page - ATMEL Corporation AT89C1051-12SC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AT89C1051
4-12
Float Waveforms(1)
Note:
1.
For timing purposes, a port pin is no longer float-
ing when a 100 mV change load voltage occurs. A
port pin begins to float when a 100 mV change
from the loaded VOH/VOL level occurs.
AC Testing Input/Output Waveforms(1)
Note:
1.
AC Inputs during testing are driven at VCC - 0.5V for a
logic 1 and 0.45V for a logic 0. Timing measurements
are made at VIH min. for a logic 1 and VIL max. for a
logic 0.
External Clock Drive Waveforms
External Clock Drive
Symbol
Parameter
VCC = 2.7V to 6.0V
VCC = 4.0V to 6.0V
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
12
0
24
MHz
tCLCL
Clock Period
83.3
41.6
ns
tCHCX
High Time
30
15
ns
tCLCX
Low Time
30
15
ns
tCLCH
Rise Time
20
20
ns
tCHCL
Fall Time
20
20
ns


Similar Part No. - AT89C1051-12SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT89C1051 ETC2-AT89C1051 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89C1051U ATMEL-AT89C1051U Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
AT89C1051U ATMEL-AT89C1051U Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U-12PA ATMEL-AT89C1051U-12PA Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
AT89C1051U-12PC ATMEL-AT89C1051U-12PC Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
More results

Similar Description - AT89C1051-12SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com