Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F080T-12TI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49F080T-12TI
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F080T-12TI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49F080T-12TI Datasheet HTML 4Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 5Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 6Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 7Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 8Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 9Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 10Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 11Page - ATMEL Corporation AT49F080T-12TI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AT49F080/080T
10
Software Product
Identification Entry(1)
Software Product
Identification Exit(1)
Notes:
1.
Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2.
A1 - A19 = VIL.
Manufacture Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3.
The device does not remain in identification mode if
powered down.
4.
The device returns to standard operation mode.
5.
Manufacturers Code: 1FH
Device Code: 23H (AT49F080), 27H (AT49F080T)
Boot Block Lockout
Feature Enable Algorithm(1)
Notes:
1.
Data Format: I/07 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2.
Boot block lockout feature enabled.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 90
TO
ADDRESS 5555
ENTER PRODUCT
IDENTIFICATION
MODE(2)(3)(5)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA F0
TO
ADDRESS 5555
EXIT PRODUCT
IDENTIFICATION
MODE(4)
OR
LOAD DATA F0
TO
ANY ADDRESS
EXIT PRODUCT
IDENTIFICATION
MODE(4)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 40
TO
ADDRESS 5555
PAUSE 1 second(2)


Similar Part No. - AT49F080T-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F080T-12TI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com