Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C2051-12PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89C2051-12PC
Description  8-Bit Microcontroller with 2K Bytes Flash
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-12PC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89C2051-12PC Datasheet HTML 1Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 2Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 3Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 4Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 5Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 6Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 7Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 8Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
0368G–MICRO–6/05
AT89C2051
4.7
XTAL2
Output from the inverting oscillator amplifier.
5.
Oscillator Characteristics
The XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier which can
be configured for use as an on-chip oscillator, as shown in Figure 5-1. Either a quartz crystal or
ceramic resonator may be used. To drive the device from an external clock source, XTAL2
should be left unconnected while XTAL1 is driven as shown in Figure 5-2. There are no require-
ments on the duty cycle of the external clock signal, since the input to the internal clocking
circuitry is through a divide-by-two flip-flop, but minimum and maximum voltage high and low
time specifications must be observed.
Figure 5-1.
Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
Figure 5-2.
External Clock Drive Configuration


Similar Part No. - AT89C2051-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051-12PC ATMEL-AT89C2051-12PC Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051-12PC ATMEL-AT89C2051-12PC Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89C2051-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com