Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM03U121 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIM03U121
Description  Chip Bead CIB/CIM Series For EMI Suppression
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM03U121 Datasheet(HTML) 1 Page - Samsung semiconductor

  CIM03U121 Datasheet HTML 1Page - Samsung semiconductor CIM03U121 Datasheet HTML 2Page - Samsung semiconductor CIM03U121 Datasheet HTML 3Page - Samsung semiconductor CIM03U121 Datasheet HTML 4Page - Samsung semiconductor CIM03U121 Datasheet HTML 5Page - Samsung semiconductor CIM03U121 Datasheet HTML 6Page - Samsung semiconductor CIM03U121 Datasheet HTML 7Page - Samsung semiconductor CIM03U121 Datasheet HTML 8Page - Samsung semiconductor CIM03U121 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CIB Series
The CIB Series is composed of mono-layer internal conductor that allows low impedance and low DC resistance.
CIM Series
The CIM Series display high impedance because it is composed of a multilayered internal conductor and has excellent
attenuation characteristics for wide band frequencies.
(1) Chip Beads
(2) B:Mono-layer type, M:Multi-layer type
(3) Dimension
(4) Material Code
P,U:Broad impedance, especially suppresses noise in the 10~200MHz range
J :Suppresses noise in the 100~300MHz range
K :Suppresses noise in the 200MHz above
N :Suppresses noise in the 200~500MHz range
(5) Nominal impedance (110:11
Ω ; 121:120Ω)
(6) Thickness option(N:Standard , A:Thinner than standard , B:Thicker than standard)
(7) Packaging(C:paper tape, E:embossed tape)
Ferrite Body
External Electrode
CI
M
03
J
121
N
C
L
W
t
d
L
SIZE CODE
W
t
d
0.6
±0.03
1.0
±0.05
1.6
±0.15
2.0
±0.2
3.2
±0.2
3.2
±0.2
4.5
±0.2
4.5
±0.2
Operating Temp
Storage Temp
-55~+125
-10~+40
0.15
±0.05
0.25
±0.1
0.3
±0.2
0.5
+0.2,-0.3
0.5
+0.2,-0.3
0.5
±0.3
0.5
±0.3
0.5
±0.3
03
05
10
21
31
32
41
43
The CIB/CIM Series are used for EMI suppression filter. These beads suppress electro-magnetic wave noise by
increased impedance, especially by increased resistance at noise frequency.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Unit: mm
Part Numbering
•Smallest beads suitable for surface mounting
•Perfect shape for automatic mounting, with no directionality.
•Excellent solderability and high heat resistance for either flow or
reflow soldering.
•Monolithic inorganic material construction for high reliability.
•Closed magnetic circuit configuration avoids crosstalk and is suitable
for high density PCBs.
Feature
•High frequency EMI prevention application to computers, printers,
VCRs, TVs and mobile phones.
Application
Dimensions
0.3
±0.03
0.5
±0.05
0.8
±0.15
1.25
±0.2
1.6
±0.2
2.5
±0.2
1.6
±0.2
3.2
±0.2
0.3
±0.03
0.5
±0.05
0.8
±0.15
0.9
±0.2
1.1
±0.2
1.3
±0.2
1.6
±0.2 / 1.2±0.2
1.5
±0.2
Chip Bead ; CIB/CIM Series
For EMI Suppression


Similar Part No. - CIM03U121

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM03U121 SAMSUNG-CIM03U121 Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIM03U121 SAMSUNG-CIM03U121 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM03U121 SAMSUNG-CIM03U121 Datasheet
4Mb / 31P
   MULTILAYER CHIP COMPONENTS
CIM03U121 SAMSUNG-CIM03U121 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM03U121 SAMSUNG-CIM03U121 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
More results

Similar Description - CIM03U121

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM31U601NE SAMSUNG-CIM31U601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
CIM21J202NE SAMSUNG-CIM21J202NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
CIM10J102NC SAMSUNG-CIM10J102NC Datasheet
757Kb / 5P
   Chip Bead For EMI Suppression
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
74279203 WURTH-74279203 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279205 WURTH-74279205 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74270033 WURTH-74270033 Datasheet
408Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com