Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28994 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28994
Description  Eddie Robot Platform
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28994 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28994 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28994 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Web Site: www.parallax.com
Forums: forums.parallax.com
Sales: sales@parallax.com
Technical: support@parallax.com
Office: (916) 624-8333
Fax: (916) 624-8003
Sales: (888) 512-1024
Tech Support: (888) 997-8267
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 1 of 16
Eddie Robot Platform
(Assembled: #28990; Unassembled: #28992)
Eddie is a turnkey hardware solution to create a mobile robot with
your own laptop and Kinect camera — a perfect platform to foster
creativity, innovation, and experimentation.
Once fully assembled, simply connect your own laptop and Kinect
camera (not included) over USB and Eddie is up roaming the house in
minutes. Compatible with Microsoft Robotics Developer Studio 4 (RDS
4), Eddie can navigate autonomously and see in 3D using the power
of the Microsoft Kinect camera.
The Eddie Control Board uses the PropellerTM multicore microcontroller
to directly control two high-torque 12 V motors and collect data from
multiple sensors mounted on the robot. Eddie is controlled over a
simple USB connection and a convenient command interface.
Features
Compatible with Microsoft Robotics
Developer Studio 4 (RDS4)
Dual-platform design with plenty of room
for electronics and on-the-go
programming laptop access
Two drive wheels with high-torque
12 VDC motors and position controllers
Front and rear dual-tire caster wheels for
platform stability
Durable pneumatic rubber tires easily
traverse hard floors and carpet
Five distance sensors (three infrared and
two ultrasonic) for collision avoidance
Fully integrated control board handles all
lower-level hardware operations to drive
motors and collect sensor data
Simple USB connectivity between control
board and your laptop
12 V, 14.4Ah gel-cell batteries for 4–7
hours of continuous operation
Built-in charging jack (charger included)
Key Specifications
Communication Interface: Serial
commands over USB interface
Operating temperature: 32 to 158 °F
(0 to 70 °C)
Dimensions: 21.75” (55.25 cm) high
17.8” (45.2 cm) diameter, assembled
Weight: 25.3 lbs (11.5 kg), excluding
laptop and Kinect camera
Application Ideas
Autonomous navigation and mapping
Development and testing of machine
vision systems
Tele-presence robots
Voice-activated personal assistant robots
Security and surveillance robots
Crowd interaction and advertising
Additional Items Required
Laptop Computer
Kinect Camera
Philips (cross-head) screwdriver
Scissors
5/32” Allen wrench
Microsoft RDS software


Similar Part No. - 28994

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2899 KR-2899 Datasheet
35Kb / 2P
   90 MHz Center Frequency
logo
PHOENIX CONTACT
2899141 PHOENIX-2899141 Datasheet
80Kb / 4P
   Relay connectors - ST-REL4-HG110/ 1- 1
2899303 PHOENIX-2899303 Datasheet
70Kb / 4P
   Relay connectors - ST-REL7-HG110/4X21
2899316 PHOENIX-2899316 Datasheet
73Kb / 4P
   Relay connectors - ST-REL7-SG110/4X21
More results

Similar Description - 28994

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
   Robot Compass Module
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
logo
List of Unclassifed Man...
550-28990 ETC2-550-28990 Datasheet
941Kb / 9P
   Eddie Control Board with Power Connector
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
   Connector Platform
logo
Molex Electronics Ltd.
0639022400 MOLEX-0639022400 Datasheet
45Kb / 2P
   FineAdjust Applicator for Robot Conn 36P Crimp Terminals
11/02/2021
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com