Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

721-00014 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 721-00014
Description  Eddie Robot Platform
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

721-00014 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 721-00014 Datasheet HTML 7Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 8Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 9Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 10Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 11Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 12Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 13Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 14Page - List of Unclassifed Manufacturers 721-00014 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 11 of 16
Attach the Ping))) and IR Sensors to the Base as shown in Figure 8b. Place the #6/32 x ½” socket head
cap screw through the holes in each of the stands and then carefully screw them down evenly into the
Base. Take it slow and easy. Make a few turns on one screw and then a few turns on the other, gently
bringing the assembly down into full contact with the Base. Make them snug, but do not over-tighten.
Figure 8b
Step 9: Eddie Control Board Installation
Orient the Control Board as shown in Figure 9, and use (4) 4-40 x 1/4 “ machine screws to attach it to
the (4) hex standoffs in the center of the platform.
Be certain that the switches are in their “Off” positions (the switches light up when they’re “ON”).
Connect each of the motor drive connectors to their respective receptacles on the Control Board.
Connect the Main Power connector (coming from the Switch Plate) to the large power connector on the
Control Board.
Figure 9


Similar Part No. - 721-00014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
721-80007 ETC2-721-80007 Datasheet
910Kb / 7P
   Motor/Propelller Assy Exploded
More results

Similar Description - 721-00014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
   Robot Compass Module
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
logo
List of Unclassifed Man...
550-28990 ETC2-550-28990 Datasheet
941Kb / 9P
   Eddie Control Board with Power Connector
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
   Connector Platform
logo
Molex Electronics Ltd.
0639022400 MOLEX-0639022400 Datasheet
45Kb / 2P
   FineAdjust Applicator for Robot Conn 36P Crimp Terminals
11/02/2021
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com