Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

805-28995 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 805-28995
Description  Eddie Robot Platform
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

805-28995 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 805-28995 Datasheet HTML 4Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 5Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 6Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 7Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 8Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 9Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 10Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 11Page - List of Unclassifed Manufacturers 805-28995 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 8 of 16
Step 6: Control Standoff Assembly
Insert (8) 4-40 x 5/8” black oxide screws from the underside of the Base, and fasten to the two sets of
(4) of standoffs, as shown in Figure 6a. The ½” long standoffs are for the Eddie Control Board, and the
1.5” standoffs are for the Wiring Harness / Switch Plate assembly.
Figure 6a
Place (but do not attach) the Wiring Harness / Switch Plate assembly onto the Base as shown in Figure
6b. Carefully thread the Red and Black wires through the hole that’s between the set of short standoffs.
Double-check to make certain that the Power Switches are both “off” as shown in Figure 6b.
Figure 6b


Similar Part No. - 805-28995

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
805-00012 ETC2-805-00012 Datasheet
134Kb / 11P
   Parallax Serial LCD
805-00038 ETC1-805-00038 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
805-00040 ETC1-805-00040 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
logo
Glenair, Inc.
805-001 GLENAIR-805-001 Datasheet
205Kb / 1P
   Mighty Mouse Size #8 Connector Plug
805-001-16 GLENAIR-805-001-16 Datasheet
210Kb / 1P
   Mighty Mouse Triple-Start Plug
More results

Similar Description - 805-28995

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
   Robot Compass Module
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
logo
List of Unclassifed Man...
550-28990 ETC2-550-28990 Datasheet
941Kb / 9P
   Eddie Control Board with Power Connector
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
   Connector Platform
logo
Molex Electronics Ltd.
0639022400 MOLEX-0639022400 Datasheet
45Kb / 2P
   FineAdjust Applicator for Robot Conn 36P Crimp Terminals
11/02/2021
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com