Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIC10P600 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # CIC10P600
Description  Chip Bead CIC/CIS Series For High Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIC10P600 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button CIC10P600 Datasheet HTML 2Page - Samsung semiconductor CIC10P600 Datasheet HTML 3Page - Samsung semiconductor CIC10P600 Datasheet HTML 4Page - Samsung semiconductor CIC10P600 Datasheet HTML 5Page - Samsung semiconductor CIC10P600 Datasheet HTML 6Page - Samsung semiconductor CIC10P600 Datasheet HTML 7Page - Samsung semiconductor CIC10P600 Datasheet HTML 8Page - Samsung semiconductor CIC10P600 Datasheet HTML 9Page - Samsung semiconductor CIC10P600 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
34
35
CIS43P241
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIS41P600
100
1M
10M
100M
1G
50
0
FREQUENCY(Hz)
Z
R
X
CIS32P520
1M
10M
100M
1G
40
80
0
FREQUENCY(Hz)
Z
R
X
CIS10P260
1M
10M
100M
1G
20
40
0
FREQUENCY(Hz)
Z
R
X
CIS41J600
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIS 10P 260
CIS 10J 300
CIS 21P 300
CIS 21J 121
CIS 32P 520
CIS 32J 121
CIS 41P 600
CIS 41J 600
CIS 43J 121
CIS 43P 241
0.6
±0.15
0.8
±0.15
0.9
±0.2
0.9
±0.2
1.3
±0.2
1.3
±0.2
1.6
±0.2/1.2±0.2
1.6
±0.2/1.2±0.2
1.5
±0.2
1.5
±0.2
26
30
30
120
52
120
60
60
120
240
0.007
0.01
0.01
0.02
0.01
0.02
0.01
0.01
0.02
0.02
6000
6000
5000
5000
6000
5000
6000
6000
6000
6000
Customized products are available.
Test equipment : Agilent 4291B+16192A (1005)
Agilent 4291B+16193A (1608 and others)
CIS Series
CIS21P300
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIS10J300
1M
10M
100M
1G
20
40
60
0
FREQUENCY(Hz)
Z
R
X
CIS21J121
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X


Similar Description - CIC10P600

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com