Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

710-00035 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 710-00035
Description  Eddie Robot Platform
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

710-00035 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  710-00035 Datasheet HTML 1Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 2Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 3Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 4Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 5Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 6Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 7Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 8Page - List of Unclassifed Manufacturers 710-00035 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 3 of 16
Part #
Quantity
Description
806-00001
1” x 10”
Snap Velcro
700-00028
4
Screw, Pan Head, Zinc, Phillips, 4-40 x 1/4”
700-00083
4
4-40 x ½”, F/F Hex Standoff
710-00024
4
Screw, Button Head SS, ¼”x20 x ½”
710-00032
6
Screw, Cap, SS, #6-32 x 3/8”
710-00034
4
Screw, Flat Head, Black ¼-20 x 5/8”
721-00012
1
Eddie Kinect Platform
710-00040
4
Screw, Pan Head, Black 4-40 x ½”
710-00100
2
Screw, Pan Head, Black 4-40 x 1/4”
710-00105
10
Screw, Button Head, ¼-20 x 5/8”
710-00106
2
Screw, Button Head, Blk, ¼-20 x ¾”
712-00008
2
Washer, ½” dia, .060 Delrin
713-00001
6
Standoff, 4-40 x 5/8” F/F Round
713-00022
4
Standoff, 4-40 x 1.5” F/F Hex
725-00021
1
Ball-End Hex Key 7/64”
Step 3: Ping))) and IR Sensor Module assembly
Figure 3a shows the components for each sensor assembly. You will need a small Phillips screwdriver to
assemble each sensor module.
Figure 3a


Similar Part No. - 710-00035

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
710-00-09 QUALTEK-710-00-09 Datasheet
379Kb / 1P
   AC RECEPTACLE
710-00-28 QUALTEK-710-00-28 Datasheet
384Kb / 1P
   AC RECEPTACLE
710-00-63 QUALTEK-710-00-63 Datasheet
383Kb / 1P
   AC RECEPTACLE
710-00/09 QUALTEK-710-00/09 Datasheet
379Kb / 1P
   AC RECEPTACLE
710-00/28 QUALTEK-710-00/28 Datasheet
384Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 710-00035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
   Robot Compass Module
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
logo
List of Unclassifed Man...
550-28990 ETC2-550-28990 Datasheet
941Kb / 9P
   Eddie Control Board with Power Connector
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
   Connector Platform
logo
Molex Electronics Ltd.
0639022400 MOLEX-0639022400 Datasheet
45Kb / 2P
   FineAdjust Applicator for Robot Conn 36P Crimp Terminals
11/02/2021
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com