Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

700-00028 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 700-00028
Description  Eddie Robot Platform
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

700-00028 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 700-00028 Datasheet HTML 3Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 4Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 5Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 6Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 7Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 8Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 9Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 10Page - List of Unclassifed Manufacturers 700-00028 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 7 of 16
Use the 7/64” ball-end, Allen wrench to screw in the (3) 3/8” long socket-head cap screws to attach each
of the Caster Wheel assemblies to the Base, as shown in Figure 5b. Make them snug, but do not over
tighten.
Before you mount the drive wheels to the Base, verify that the ID jumpers (A and B) on the Position
Controller for the left motor are set to “1” (both jumpers installed) and that the ID jumpers on the right
Position Controller are set to “2” (A installed, B removed). (See Motor Mount and Wheel Kit for additional
information).
Figure 5b
Flip the Base over (as shown in Figure 5c), and attach each pre-assembled drive motor unit to the Base
using (2) ¼ x 20 button head screws for each motor, as shown. Tighten using a 5/32” Allen wrench.
Connect the long, three-pin servo extension cable to the left Position Controller on the header marked
“To Controller”. Connect the other end of the cable to the same header on the right Position Controller.
It is recommended that the cable is routed across the top side of the robot platform. This configuration
allows both Position Controllers to be connected to the Control Board on the same bus.
Figure 5c


Similar Part No. - 700-00028

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
700-01190 GAMEWELL-FCI-700-01190 Datasheet
53Kb / 2P
   Five zone control communicator
700-01191 GAMEWELL-FCI-700-01191 Datasheet
53Kb / 2P
   Five zone control communicator
700-01192 GAMEWELL-FCI-700-01192 Datasheet
53Kb / 2P
   Five zone control communicator
700-01192 GAMEWELL-FCI-700-01192 Datasheet
53Kb / 2P
   Ten zone control communicator
700-01193 GAMEWELL-FCI-700-01193 Datasheet
53Kb / 2P
   Five zone control communicator
More results

Similar Description - 700-00028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
   Robot Compass Module
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
logo
List of Unclassifed Man...
550-28990 ETC2-550-28990 Datasheet
941Kb / 9P
   Eddie Control Board with Power Connector
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
   Connector Platform
logo
Molex Electronics Ltd.
0639022400 MOLEX-0639022400 Datasheet
45Kb / 2P
   FineAdjust Applicator for Robot Conn 36P Crimp Terminals
11/02/2021
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com