Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM05U600 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # CIM05U600
Description  MULTILAYER CHIP COMPONENTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM05U600 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button CIM05U600 Datasheet HTML 5Page - Samsung semiconductor CIM05U600 Datasheet HTML 6Page - Samsung semiconductor CIM05U600 Datasheet HTML 7Page - Samsung semiconductor CIM05U600 Datasheet HTML 8Page - Samsung semiconductor CIM05U600 Datasheet HTML 9Page - Samsung semiconductor CIM05U600 Datasheet HTML 10Page - Samsung semiconductor CIM05U600 Datasheet HTML 11Page - Samsung semiconductor CIM05U600 Datasheet HTML 12Page - Samsung semiconductor CIM05U600 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TD1
D2
P
0.8
±0.2
SIZE CODE
0.4
±0.2
W
1.6
±0.2
L
3.2
±0.2
0.3
±0.15
0.8
±0.1
31
CI
A
31
J
121
N
E
L
W
T
P
D1
D2
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Unit : mm
(1) Chip Beads
(2) A:Bead array
(3) Dimension
(4) Material Code
U:Broad impedance, especially suppresses noise in the 10~200MHz range
J:Suppresses noise in the 100~300MHz range
N:Suppresses noise in the 200~500MHz range
(5) Nominal Impedance(121:120
Ω, 300 : 30Ω)
(6) Thickness option(N: Standard, A: Thinner than standard, B: Thicker than standard)
(7) Packaging(C: paper tape, E: embossed tape)
The CIA Series is an array of ferrite beads used for EMI suppression filters.
This series is often used for high density Printed Circuit Boards to save the space and cost.
It suppresses electro-magentic wave noise by increased impedance, especially by increased resistance at noise frequency.
Part Numbering
•Four lines by one chip
•Perfect shape for automatic mounting, with no directionality.
•Excellent solderability and high heat resistance for either flow or
reflow soldering.
•Closed magnetic circuit configuration with no cross-talk which is
suitable for high density PCBs.
Feature
•EMI prevention in Notebook PC, LCD and car navigation
•Ideal for dealing with line noise from multiple signals such as
in computer buses.
Application
Dimensions
16
17
Chip Bead Array; CIA Series
For EMI Suppression
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIA 31U 300
CIA 31U 600
CIA 31U 800
CIA 31U 121
CIA 31U 221
CIA 31U 241
CIA 31U 301
CIA 31U 471
CIA 31U 601
CIA 31U 102
CIA 31J 300
CIA 31J 600
CIA 31J 800
CIA 31J 121
CIA 31J 221
CIA 31J 241
CIA 31J 301
CIA 31J 471
CIA 31J 601
CIA 31J 102
CIA 31N 800
CIA 31N 121
CIA 31N 241
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
0.8
±0.2
30
60
80
120
220
240
300
470
600
1000
30
60
80
120
220
240
300
470
600
1000
80
120
240
0.10
0.15
0.20
0.20
0.40
0.40
0.40
0.50
0.70
0.80
0.10
0.15
0.20
0.20
0.40
0.40
0.40
0.50
0.70
0.80
0.35
0.55
0.85
200
150
150
150
150
150
150
150
100
50
200
150
150
150
150
150
150
150
100
50
200
200
150
Customized products are available.
Test equipment : Agilent 4291B+16192A
CIA 3216 (1206) Type


Similar Part No. - CIM05U600

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM05U600 SAMSUNG-CIM05U600 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM05U600 SAMSUNG-CIM05U600 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
More results

Similar Description - CIM05U600

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
AVX Corporation
08055A561JAT2A AVX-08055A561JAT2A Datasheet
115Kb / 4P
   Packaging of Chip Components
logo
Allied Components Inter...
MLC10-R022M-RC ALLIED-MLC10-R022M-RC Datasheet
365Kb / 1P
   Multilayer Chip Inductors
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R22M-T TAIYO-YUDEN-CK2125R22M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21254R7M-T TAIYO-YUDEN-CK21254R7M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com