Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM05J241 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # CIM05J241
Description  MULTILAYER CHIP COMPONENTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM05J241 Datasheet(HTML) 5 Page - Samsung semiconductor

  CIM05J241 Datasheet HTML 1Page - Samsung semiconductor CIM05J241 Datasheet HTML 2Page - Samsung semiconductor CIM05J241 Datasheet HTML 3Page - Samsung semiconductor CIM05J241 Datasheet HTML 4Page - Samsung semiconductor CIM05J241 Datasheet HTML 5Page - Samsung semiconductor CIM05J241 Datasheet HTML 6Page - Samsung semiconductor CIM05J241 Datasheet HTML 7Page - Samsung semiconductor CIM05J241 Datasheet HTML 8Page - Samsung semiconductor CIM05J241 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB 32P 310
CIB 32P 600
CIB 41P 800
CIB 41P 151
CIB 43P 131
CIB 43P 151
1.3
±0.2
1.3
±0.2
1.6
±0.2
1.6
±0.2
1.5
±0.2
1.5
±0.2
31
60
80
150
130
150
0.02
0.02
0.03
0.05
0.04
0.04
3000
1500
1000
1000
600
600
Customized products are available.
Test equipment : Agilent E4991A+16197A (0603)
Agilent 4291B+16192A (1005)
Agilent 4291B+16193A (1608 and others)
CIM03U241
200
400
600
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X
CIM03U121
300
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM03U471
1000
1M
10M
100M
1G
500
0
FREQUENCY(Hz)
Z
R
X
CIM03U601
1000
1M
10M
100M
1G
500
0
FREQUENCY(Hz)
Z
R
X
CIM03J241
600
1M
10M
100M
1G
200
400
0
FREQUENCY(Hz)
Z
R
X
CIM03J601
1000
1M
10M
100M
1G
500
0
FREQUENCY(Hz)
Z
R
X
CIM03J471
1000
1M
10M
100M
1G
500
0
FREQUENCY(Hz)
Z
R
X
CIM03J121
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIM05U100
20
1M
10M
100M
1G
10
0
FREQUENCY(Hz)
Z
R
X
CIM05U300
40
60
1M
10M
100M
1G
20
0
FREQUENCY(Hz)
Z
R
X
CIM05U121
100
150
200
1M
10M
100M
1G
50
0
FREQUENCY(Hz)
Z
R
X
CIM05U600
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM03N300
200
300
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM03N800
1M
10M
100M
1G
200
400
600
800
0
FREQUENCY(Hz)
Z
R
X
CIM03U800
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM05U800
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM05U241
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIM05U301
400
600
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIM05U601
800
1M
10M
100M
1G
400
0
FREQUENCY(Hz)
Z
R
X
CIM05U471
400
600
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIM05U102
1000
1500
1M
10M
100M
1G
500
0
FREQUENCY(Hz)
Z
R
X
CIM05J300
100
1M
10M
100M
1G
50
0
FREQUENCY(Hz)
Z
R
X
CIM05J600
100
150
1M
10M
100M
1G
50
0
FREQUENCY(Hz)
Z
R
X
CIM05J121
200
300
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM05J241
400
600
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIM05J301
400
600
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
Other Types
8
9
CIM05J800
200
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X


Similar Part No. - CIM05J241

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM05J241 SAMSUNG-CIM05J241 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM05J241 SAMSUNG-CIM05J241 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
More results

Similar Description - CIM05J241

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
AVX Corporation
08055A561JAT2A AVX-08055A561JAT2A Datasheet
115Kb / 4P
   Packaging of Chip Components
logo
Allied Components Inter...
MLC10-R022M-RC ALLIED-MLC10-R022M-RC Datasheet
365Kb / 1P
   Multilayer Chip Inductors
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R22M-T TAIYO-YUDEN-CK2125R22M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21254R7M-T TAIYO-YUDEN-CK21254R7M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com