Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS25-32.768KHZ-4-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABS25-32.768KHZ-4-T
Description  32.768 kHz LOW FREQUENCY SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABS25-32.768KHZ-4-T Datasheet(HTML) 1 Page - Abracon Corporation

  ABS25-32.768KHZ-4-T Datasheet HTML 1Page - Abracon Corporation ABS25-32.768KHZ-4-T Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||| | | | |||| | | | |
ABS25
STANDARD SPECIFICATIONS:
8.0 x 3.8 x 2.5 mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Computer clock
• Suitable for RoHS compliant reflow
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• Plastic molded SMD
• 2.5mm height ideal for high density circuit boards
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 05.31.11
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
Pb in High Tempe rature Solder
(exempt per RoHS 2002/95/EC Annex (7))
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
k
-
-
-
-
-
8
6
7
.
2
3
-
-
-
-
-
y
c
n
e
u
q
e
r
F
l
a
n
i
m
o
N
z
H
k
0
0
1
-
-
-
-
-
0
3
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operating Temperature
-40
-----
+85
ºC
Turnover Temperature
+20
+25
+30
ºC
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
-----
+125
ºC
Frequency Tolerance @+25°C
-20
-----
+20
ppm
32.768kHz
-30
-----
+30
Other frequencies
See options
Capacitance Ratio (C0/C1)
-----
450
-----
32.768kHz
-----
425 to 800
-----
Other frequencies
Frequency Coefficient (ß)
-0.040
-0.034
-0.028
ppm/T2
Equivalent series resistance (R1)
-----
-----
50
kΩ
Shunt capacitance (C0)
-----
1.35
-----
pF
32.768kHz
0.8 to 1.7
pF
Other frequencies
Load capacitance (CL)
-----
12.5
-----
pF
See options
W
µ
1
-
-
-
-
-
-
-
-
-
-
l
e
v
e
L
e
v
ir
D
Aging
-3
-----
+3
ppm
@25°C±3°C
First year
-5
-----
+5
M
-
-
-
-
-
-
-
-
-
-
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
@ 100Vdc ± 15V
ABS25 -
- -
-
Frequency in kHz
Load Capacitance (pF)
Freq. Tolerance
Packaging
Please specify the
frequency in kHz.
e.g. 32.768kHz
Please specify load cap.
in pF (ex. 6pF)
1: ± 10 ppm
Blank: Bulk
5: ± 15 ppm
T: Tape and Reel
2*: ± 20 ppm
3: ± 25 ppm
4**: ± 30 ppm
*STD for 32.768kHz. Please leave this blank if Fis 32.768kHz.
**STD for other frequencies. Please leave this blank if F is not 32.768kHz.
32.768 kHz LOW FREQUENCY SMD CRYSTAL


Similar Part No. - ABS25-32.768KHZ-4-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS25-32.768KHZ-12.5-1-T ABRACON-ABS25-32.768KHZ-12.5-1-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
ABS25-32.768KHZ-12.5-2-T ABRACON-ABS25-32.768KHZ-12.5-2-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
ABS25-32.768KHZ-12.5-3-T ABRACON-ABS25-32.768KHZ-12.5-3-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
ABS25-32.768KHZ-12.5-4-T ABRACON-ABS25-32.768KHZ-12.5-4-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
ABS25-32.768KHZ-12.5-5-T ABRACON-ABS25-32.768KHZ-12.5-5-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
More results

Similar Description - ABS25-32.768KHZ-4-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25 ABRACON-ABS25_15 Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
   SMD WATCH CRYSTAL 32.768 kHz
logo
Oscilent Corporation
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
   32.768 KHz Crystal
logo
ECS, Inc.
ECX-26X ECS-ECX-26X Datasheet
167Kb / 1P
   32.768 KHz SMD TUNING FORK CRYSTAL
ECX-26 ECS-ECX-26 Datasheet
75Kb / 1P
   32.768 KHz SMD TUNING FORK CRYSTAL
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
EM7604 EMMICRO-EM7604 Datasheet
245Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com