Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM05U102 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # CIM05U102
Description  Chip Bead CIB/CIM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM05U102 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button CIM05U102 Datasheet HTML 2Page - Samsung semiconductor CIM05U102 Datasheet HTML 3Page - Samsung semiconductor CIM05U102 Datasheet HTML 4Page - Samsung semiconductor CIM05U102 Datasheet HTML 5Page - Samsung semiconductor CIM05U102 Datasheet HTML 6Page - Samsung semiconductor CIM05U102 Datasheet HTML 7Page - Samsung semiconductor CIM05U102 Datasheet HTML 8Page - Samsung semiconductor CIM05U102 Datasheet HTML 9Page - Samsung semiconductor CIM05U102 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB 10P 100
CIB 10P 220
CIB 10P 260
CIB 10P 300
CIB 10J 300
CIB 10P 330
CIM 10U 800
CIM 10U 121
CIM 10U 221
CIM 10U 241
CIM 10U 471
CIM 10U 601
CIM 10U 102
CIM 10U 202
CIM 10 J 400
CIM 10 J 470
CIM 10 J 600
CIM 10 J 750
CIM 10 J 800
CIM 10 J 121
CIM 10 J 151
CIM 10 J 221
CIM 10 J 241
CIM 10 J 301
CIM 10 J 331
CIM 10 J 471
CIM 10 J 601
CIM 10 J 751
CIM 10 J 102
CIM 10 J 152
CIM 10 J 252
CIM 10 K 152
CIM 10 K 202
CIM 10 K 252
CIM 10 N 700
CIM 10 N 121
CIM 10 N 241
CIM 10 F 470
CIM 10 F 600
CIM 10 F 121
CIM 10 F 331
CIM 10 F471
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
10
22
26
30
30
33
80
120
220
240
470
600
1000
2000(at 70MHz)
40
47
60
75
80
120
150
220
240
300
330
470
600
750
1000
1500
2500
1500
2000
2500
70
120
240
47
60
120
330
470
0.05
0.05
0.08
0.08
0.08
0.08
0.15
0.15
0.30
0.30
0.35
0.45
0.60
1.20
0.12
0.12
0.12
0.12
0.20
0.20
0.20
0.30
0.30
0.35
0.35
0.35
0.45
0.55
0.70
1.00
1.50
0.80
1.00
1.20
0.30
0.45
0.60
0.25
0.25
0.30
0.58
0.85
1000
1500
1000
1000
1000
1000
600
500
400
400
300
300
250
200
600
600
600
550
550
500
400
400
400
400
400
300
300
300
250
250
200
250
200
200
500
400
300
550
550
500
400
300
CIB/CIM 1608(0603) Type
10
11


Similar Part No. - CIM05U102

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM05U102 SAMSUNG-CIM05U102 Datasheet
4Mb / 31P
   MULTILAYER CHIP COMPONENTS
CIM05U102 SAMSUNG-CIM05U102 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
More results

Similar Description - CIM05U102

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM31U601NE SAMSUNG-CIM31U601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
logo
Powerex Power Semicondu...
CP10TD1-24A POWEREX-CP10TD1-24A Datasheet
336Kb / 6P
   DIP-CIB
logo
Bourns Electronic Solut...
MH2029_MDS BOURNS-MH2029_MDS Datasheet
232Kb / 1P
   Ferrite Chip Bead Series
MH4516_MDS BOURNS-MH4516_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
MH1608_MDS BOURNS-MH1608_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
MH3261_MDS BOURNS-MH3261_MDS Datasheet
217Kb / 1P
   Ferrite Chip Bead Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com