Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10C010BB8NNNC Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CL10C010BB8NNNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10C010BB8NNNC Datasheet(HTML) 2 Page - Samsung semiconductor

  CL10C010BB8NNNC Datasheet HTML 1Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 2Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 3Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 4Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 5Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 6Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 7Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 8Page - Samsung semiconductor CL10C010BB8NNNC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 1 -
■ INTRODUCTION
MLCC(Multilayer Ceramic Capacitor) is SMD(Surface Mounted Device) type capacitor that is used
in wide ranges of capacitance. MLCC is paid more attentions than other capacitors due to the
better frequency characteristics, higher reliability, higher withstanding voltage and so on.
MLCC is made of many layers of ceramic and inner electrodes like sandwich. Pd was used for
inner electrodes. But the price of Pd was skyrocketed and Pd was replaced by the BME(Base
Metal Electrode), which reduced the total cost of MLCC.
This inner electrode is connected to outer termination for surface mounting, which is composed of
three layers, Cu or Ag layer, Ni plating layer, and SnPb or Sn plating layer. Most of MLCCs
become Pb free by the environmental issue at present.
FEATURE AND APPLICATION
Feature
-Miniature Size
- Wide Capacitance and Voltage Range
- Tape & Reel for Surface Mount Assembly
- Low ESR
Application
- General Electronic Circuit


Similar Part No. - CL10C010BB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10C010CB8NNN SAMSUNG-CL10C010CB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL10C010BB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com