Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV001N-90PC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49LV001N-90PC
Description  1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV001N-90PC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49LV001N-90PC Datasheet HTML 2Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 3Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 4Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 5Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 6Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 7Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 8Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 9Page - ATMEL Corporation AT49LV001N-90PC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AT49BV/LV001(N)(T)
6
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH, Device Code: 05H - AT49BV/LV001(N), 04H - AT49BV/LV001(N)T.
5. See details under Software Product Identification Entry/Exit.
6. This pin is not available on the AT49BV/LV001N(T).
Note:
1. In the erase mode, I
CC is 50 mA.
DC and AC Operating Range
AT49LV001(N)(T)-70
AT49BV/LV001(N)(T)-90
AT49BV/LV001(N)(T)-12
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
3.0V - 3.6V
2.7V - 3.6V/3.0V - 3.6V
2.7V - 3.6V/3.0V - 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
(6)
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
Ai
D
OUT
Program/Erase
(2)
V
IL
V
IH
V
IL
V
IH
Ai
D
IN
Standby/Write Inhibit
VIH
X
(1)
XVIH
X
High Z
Program Inhibit
X
X
V
IH
V
IH
Program Inhibit
X
V
IL
XV
IH
Output Disable
X
VIH
XVIH
High Z
Reset
X
X
X
V
IL
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A16 = VIL, A9 = VH,
(3)
A0 = V
IL
Manufacturer Code
(4)
A1 - A16 = V
IL, A9 = VH,
(3)
A0 = VIH
Device Code
(4)
Software
(5)
A0 = V
IL, A1 - A16=VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A16=VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
50
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
3mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
25
mA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V


Similar Part No. - AT49LV001N-90PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001N ATMEL-AT49LV001N Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001NT ATMEL-AT49LV001NT Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV001N-90PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com