Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F001N-70JI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F001N-70JI
Description  1-Megabit 128K x 8 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001N-70JI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F001N-70JI Datasheet HTML 1Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 2Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 3Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 4Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 5Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 6Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 7Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 8Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AT49F001(N)(T)
2
When the device is deselected, the CMOS standby current
is less than 100
µA. For the AT49F001NT pin 1 for the DIP
and PLCC packages and pin 9 for the TSOP package are
don’t connect pins.
To allow for simple in-system reprogrammability, the
AT49F001(N)(T) does not require high input voltages for
programming. Five-volt-only commands determine the read
and programming operation of the device. Reading data
out of the device is similar to reading from an EPROM; it
has standard CE, OE, and WE inputs to avoid bus conten-
tion. Reprogramming the AT49F001(N)(T) is performed by
erasing a block of data and then programming on a byte by
byte basis. The byte programming time is a fast 50
µs. The
end of a program cycle can be optionally detected by the
DATA polling feature. Once the end of a byte program
cycle has been detected, a new access for a read or pro-
gram can begin. The typical number of program and erase
cycles is in excess of 10,000 cycles.
The device is erased by executing the erase command
sequence; the device internally controls the erase opera-
tions. There are two 8K byte parameter block sections and
two main memory blocks.
The device has the capability to protect the data in the boot
block; this feature is enabled by a command sequence.
The 16K-byte boot block section includes a reprogramming
lock out feature to provide data integrity. The boot sector is
designed to contain user secure code, and when the fea-
ture is enabled, the boot sector is protected from being
reprogrammed.
In the AT49F001N(T), once the boot block programming
lockout feature is enabled, the contents of the boot block
ar e pe r mane nt and ca nnot b e chang ed. I n the
AT49F001(T), once the boot block programming lockout
feature is enabled, the contents of the boot block cannot be
changed with input voltage levels of 5.5 volts or less.
Block Diagram
CONTROL
LOGIC
Y DECODER
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
OE
WE
CE
RESET
ADDRESS
INPUTS
VCC
GND
AT49F001(N)T
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
X DECODER
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(32K BYTES)
MAIN MEMORY
BLOCK 2
(64K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
1FFFF
1C000
1BFFF
1A000
19FFF
18000
17FFF
10000
0FFFF
00000
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
AT49F001(N)
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(32K BYTES)
MAIN MEMORY
BLOCK 2
(64K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
1FFFF
10000
0FFFF
08000
07FFF
06000
05FFF
04000
03FFF
00000


Similar Part No. - AT49F001N-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45JI ATMEL-AT49F001A-45JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45TI ATMEL-AT49F001A-45TI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45VI ATMEL-AT49F001A-45VI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-55JI ATMEL-AT49F001A-55JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results

Similar Description - AT49F001N-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com