Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F001N-70JI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49F001N-70JI
Description  1-Megabit 128K x 8 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001N-70JI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49F001N-70JI Datasheet HTML 2Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 3Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 4Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 5Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 6Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 7Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 8Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 9Page - ATMEL Corporation AT49F001N-70JI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AT49F001(N)(T)
6
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH, Device Code: 05H - AT49F001(N), 04H - AT49F001(N)T
5. See details under Software Product Identification Entry/Exit.
6. This pin is not available on the AT49F001N(T).
Note:
1. In the erase mode, I
CC is 90 mA.
DC and AC Operating Range
AT49F001(N)(T)-55
AT49F001(N)(T)-70
AT49F001(N)(T)-90
AT49F001(N)(T)-12
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
Operating Modes
Mode
CE
OE
WE
RESET
(6)
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
Ai
D
OUT
Program/Erase
(2)
V
IL
V
IH
V
IL
V
IH
Ai
D
IN
Standby/Write Inhibit
VIH
X
(1)
XVIH
X
High Z
Program Inhibit
X
X
V
IH
V
IH
Program Inhibit
X
V
IL
XV
IH
Output Disable
X
VIH
XVIH
High Z
Reset
X
X
X
V
IL
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A16 = VIL, A9 = VH,
(3)
A0 = V
IL
Manufacturer Code
(4)
A1 - A16 = V
IL, A9 = VH,
(3)
A0 = VIH
Device Code
(4)
Software
(5)
A0 = V
IL, A1 - A16=VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A16=VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
50
mA
V
IL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
.45
V
V
OH1
Output High Voltage
I
OH = -400 µA2.4
V
VOH2
Output High Voltage CMOS
IOH = -100 µA; VCC = 4.5V
4.2
V


Similar Part No. - AT49F001N-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45JI ATMEL-AT49F001A-45JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45TI ATMEL-AT49F001A-45TI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45VI ATMEL-AT49F001A-45VI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-55JI ATMEL-AT49F001A-55JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results

Similar Description - AT49F001N-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com