Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C4051-24SI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89C4051-24SI
Description  8-Bit Microcontroller with 4K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051-24SI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89C4051-24SI Datasheet HTML 5Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 6Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 7Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 8Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 9Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 10Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 11Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 12Page - ATMEL Corporation AT89C4051-24SI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
1001E–MICRO–6/05
AT89C4051
Program Verify: If lock bits LB1 and LB2 have not been programmed code data can be read
back via the data lines for verification:
1.
Reset the internal address counter to 000H by bringing RST from “L” to “H”.
2.
Apply the appropriate control signals for Read Code data and read the output data at
the port P1 pins.
3.
Pulse pin XTAL1 once to advance the internal address counter.
4.
Read the next code data byte at the port P1 pins.
5.
Repeat steps 3 and 4 until the entire array is read.
The lock bits cannot be verified directly. Verification of the lock bits is achieved by observing that
their features are enabled.
Chip Erase: The entire PEROM array (4K bytes) and the two Lock Bits are erased electrically
by using the proper combination of control signals and by holding P3.2 low for 10 ms. The code
array is written with all “1”s in the Chip Erase operation and must be executed before any non-
blank memory byte can be re-programmed.
Reading the Signature Bytes: The signature bytes are read by the same procedure as a nor-
mal verification of locations 000H, 001H, and 002H, except that P3.5 and P3.7 must be pulled to
a logic low. The values returned are as follows.
(000H) = 1EH indicates manufactured by Atmel
(001H) = 41H indicates AT89C4051
13. Programming Interface
Every code byte in the Flash array can be written and the entire array can be erased by using
the appropriate combination of control signals. The write operation cycle is self-timed and once
initiated, will automatically time itself to completion.
Most major worldwide programming vendors offer support for the Atmel AT89 microcontroller
series. Please contact your local programming vendor for the appropriate software revision.
Notes:
1. The internal PEROM address counter is reset to 000H on the rising edge of RST and is advanced by a positive pulse at
XTAL1 pin.
2. Chip Erase requires a 10-ms PROG pulse.
3. P3.1 is pulled Low during programming to indicate RDY/BSY.
13.1
Flash Programming Modes
Mode
RST/VPP
P3.2/PROG
P3.3
P3.4
P3.5
P3.7
Write Code Data
(1)(3)
12V
L
H
H
H
Read Code Data
(1)
HH
L
L
H
H
Write Lock
Bit - 1
12V
HH
HH
Bit - 2
12V
H
H
L
L
Chip Erase
12V
H
L
L
L
Read Signature Byte
H
H
L
L
L
L
(2)


Similar Part No. - AT89C4051-24SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-24SI ATMEL-AT89C4051-24SI Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051-24SI ATMEL-AT89C4051-24SI Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051-24SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com