Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0603-JX-8252ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CR0603-JX-8252ELF
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-JX-8252ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CR0603-JX-8252ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-JX-8252ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-JX-8252ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-JX-8252ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-JX-8252ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CR0603/CR0805/CR1206 - Chip Resistors
How To Order
CR 1206 - F X - 8252 E LF
Model
(CR = Chip Resistor)
Size
0603
0805
1206
Resistance Tolerance
F = ±1 % .. Use with “X” TCR code only for values from 10 ohms through 1 megohm;
use with “W” TCR code only for values from 1 megohm through 10 megohms.
J = ±5 % ... Use with “W” TCR code for values from 10 ohms through 10 megohms;
use with “/” TCR code for zero ohm (jumper) for values from 1 ohm through 9.1 ohms.
TCR (ppm/°C)
X = ±100
W = ±200
/ =
±400
Resistance Value
For 1 % Tolerance:
<100 ohms...........“R” represents decimal point (example: 24R3 = 24.3 ohms).
≥100 ohms...........First three digits are significant, fourth digit represents number of zeros to follow (example: 8252 = 82.5k ohms).
For 5 % Tolerance:
<10 ohms.............“R” represents decimal point (example: 4R7 = 4.7 ohms).
≥10 ohms.............First two digits are significant, third digit represents number of zeros to follow (example: 474 = 470k ohms; 000 = Jumper).
Packaging
E = Paper Tape (5,000 pcs.) on 7 ” Plastic Reel
Termination
LF = Tin-plated (RoHS Compliant)
AS = Tin-plated (RoHS Compliant), sulfur-resistant version
REV. 01/14
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - CR0603-JX-8252ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-JX-8252ELF BOURNS-CR0603-JX-8252ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JX-8252ELF BOURNS-CR0603-JX-8252ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JX-8252ELF BOURNS-CR0603-JX-8252ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JX-8252ELF BOURNS-CR0603-JX-8252ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CR0603-JX-8252ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com