Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3064ATC100-4 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPM3064ATC100-4
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3064ATC100-4 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPM3064ATC100-4 Datasheet HTML 3Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 4Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 5Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 6Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 7Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 8Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 9Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 10Page - Altera Corporation EPM3064ATC100-4 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Altera Corporation
7
MAX 3000A Programmable Logic Device Family Data Sheet
For registered functions, each macrocell flipflop can be individually
programmed to implement D, T, JK, or SR operation with programmable
clock control. The flipflop can be bypassed for combinatorial operation.
During design entry, the designer specifies the desired flipflop type; the
Altera development system software then selects the most efficient
flipflop operation for each registered function to optimize resource
utilization.
Each programmable register can be clocked in three different modes:
Global clock signal mode, which achieves the fastest clock–to–output
performance.
Global clock signal enabled by an active–high clock enable. A clock
enable is generated by a product term. This mode provides an enable
on each flipflop while still achieving the fast clock–to–output
performance of the global clock.
Array clock implemented with a product term. In this mode, the
flipflop can be clocked by signals from buried macrocells or I/O pins.
Two global clock signals are available in MAX 3000A devices. As shown
in Figure 1, these global clock signals can be the true or the complement of
either of the two global clock pins, GCLK1 or GCLK2.
Each register also supports asynchronous preset and clear functions. As
shown in Figure 2, the product–term select matrix allocates product terms
to control these operations. Although the product–term–driven preset
and clear from the register are active high, active–low control can be
obtained by inverting the signal within the logic array. In addition, each
register clear function can be individually driven by the active–low
dedicated global clear pin (GCLRn).
All registers are cleared upon power-up. By default, all registered outputs
drive low when the device is powered up. You can set the registered
outputs to drive high upon power-up through the Quartus® II software.
Quartus II software uses the NOT Gate Push-Back method, which uses an
additional macrocell to set the output high. To set this in the Quartus II
software, go to the Assignment Editor and set the Power-Up Level
assignment for the register to High.


Similar Part No. - EPM3064ATC100-4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3064ATC100-4 ALTERA-EPM3064ATC100-4 Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3064ATC100-4N ALTERA-EPM3064ATC100-4N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3064ATC100-4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com