Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51-12JC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89C51-12JC
Description  8-Bit Microcontroller with 4K Bytes Flash
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51-12JC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89C51-12JC Datasheet HTML 1Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 2Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 3Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 4Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 5Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 6Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 7Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 8Page - ATMEL Corporation AT89C51-12JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AT89C51
4-31
The AT89C51 provides the following standard features: 4K
bytes of Flash, 128 bytes of RAM, 32 I/O lines, two 16-bit
timer/counters, a five vector two-level interrupt architecture,
a full duplex serial port, on-chip oscillator and clock cir-
cuitry. In addition, the AT89C51 is designed with static logic
for operation down to zero frequency and supports two
software selectable power saving modes. The Idle Mode
stops the CPU while allowing the RAM, timer/counters,
serial port and interrupt system to continue functioning. The
Power Down Mode saves the RAM contents but freezes
the oscillator disabling all other chip functions until the next
hardware reset.
Pin Description
VCC
Supply voltage.
GND
Ground.
Port 0
Port 0 is an 8-bit open drain bidirectional I/O port. As an
output port each pin can sink eight TTL inputs. When 1s
are written to port 0 pins, the pins can be used as high-
impedance inputs.
Port 0 may also be configured to be the multiplexed low-
order address/data bus during accesses to external pro-
gram and data memory. In this mode P0 has internal pul-
lups.
Port 0 also receives the code bytes during Flash program-
ming, and outputs the code bytes during program verifica-
tion. External pullups are required during program verifica-
tion.
Port 1
Port 1 is an 8-bit bidirectional I/O port with internal pullups.
The Port 1 output buffers can sink/source four TTL inputs.
When 1s are written to Port 1 pins they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 1 pins that are externally being pulled low will source
current (IIL) because of the internal pullups.
Port 1 also receives the low-order address bytes during
Flash programming and verification.
Port 2
Port 2 is an 8-bit bidirectional I/O port with internal pullups.
The Port 2 output buffers can sink/source four TTL inputs.
When 1s are written to Port 2 pins they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 2 pins that are externally being pulled low will source
current (IIL) because of the internal pullups.
Port 2 emits the high-order address byte during fetches
from external program memory and during accesses to
external data memory that use 16-bit addresses (MOVX @
DPTR). In this application it uses strong internal pullups
when emitting 1s. During accesses to external data mem-
ory that use 8-bit addresses (MOVX @ RI), Port 2 emits the
contents of the P2 Special Function Register.
Port 2 also receives the high-order address bits and some
control signals during Flash programming and verification.
Port 3
Port 3 is an 8-bit bidirectional I/O port with internal pullups.
The Port 3 output buffers can sink/source four TTL inputs.
When 1s are written to Port 3 pins they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 3 pins that are externally being pulled low will source
current (IIL) because of the pullups.
Port 3 also serves the functions of various special features
of the AT89C51 as listed below:
Port 3 also receives some control signals for Flash pro-
gramming and verification.
RST
Reset input. A high on this pin for two machine cycles while
the oscillator is running resets the device.
ALE/PROG
Address Latch Enable output pulse for latching the low byte
of the address during accesses to external memory. This
pin is also the program pulse input (PROG) during Flash
programming.
In normal operation ALE is emitted at a constant rate of 1/6
the oscillator frequency, and may be used for external tim-
ing or clocking purposes. Note, however, that one ALE
pulse is skipped during each access to external Data Mem-
ory.
If desired, ALE operation can be disabled by setting bit 0 of
SFR location 8EH. With the bit set, ALE is active only dur-
ing a MOVX or MOVC instruction. Otherwise, the pin is
weakly pulled high. Setting the ALE-disable bit has no
effect if the microcontroller is in external execution mode.
PSEN
Program Store Enable is the read strobe to external pro-
gram memory.
Port Pin
Alternate Functions
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)
P3.6
WR (external data memory write strobe)
P3.7
RD (external data memory read strobe)


Similar Part No. - AT89C51-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51-12JC ATMEL-AT89C51-12JC Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C51-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com