Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-220 Datasheet(PDF) 3 Page - Semtech Corporation

Part # TO-220
Description  3 Amp Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TO-220 Datasheet(HTML) 3 Page - Semtech Corporation

  TO-220 Datasheet HTML 1Page - Semtech Corporation TO-220 Datasheet HTML 2Page - Semtech Corporation TO-220 Datasheet HTML 3Page - Semtech Corporation TO-220 Datasheet HTML 4Page - Semtech Corporation TO-220 Datasheet HTML 5Page - Semtech Corporation TO-220 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
 2006 Semtech Corp.
www.semtech.com
EZ1085
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
SV
N
I
I
O
n
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
n
o
i
s
r
e
V
e
g
a
tl
o
V
d
e
x
i
F
I
Q
V
50
1
4
1
A
m
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
C
5
0
0
.
0C
°
/
%
t
n
e
r
r
u
C
n
i
P
t
s
u
j
d
AI
J
D
A
5
5
0
9
A
µ
e
g
n
a
h
C
t
n
e
r
r
u
C
n
i
P
t
s
u
j
d
A
∆I
J
D
A
2
.
0
5
A
µ
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
TT
S
V
5A
5
.
0
5
.
0
%
t
n
e
r
r
u
C
d
a
o
L
m
u
m
i
n
i
M
s
n
o
i
s
r
e
V
e
g
a
tl
o
V
j
d
A
I
O
V
55
0
1
A
m
e
s
i
o
N
t
u
p
t
u
O
S
M
R
)
3
(
V
N
3
0
0
.
0V
%
O
o
it
a
R
n
o
it
c
e
j
e
R
e
l
p
p
i
R
)
4
(
R
A
V
5A
3
0
6
2
7B
d
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2)
∆V
OUT, ∆VREF = 1%
(3) Bandwidth of 10 Hz to 10 kHz.
(4) 120 Hz input ripple (C
ADJ for ADJ = 25µF).
Electrical Characteristics (Cont)
Unless otherwise specified: Adj. V
IN = 2.75V to 7.0V and Adj. IO = 10mA to 3A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 3A.
Values in bold apply over full operating ambient temperature range.


Similar Part No. - TO-220

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TO-220 LITTELFUSE-TO-220 Datasheet
79Kb / 2P
   Bi-directional Glass passivated junction
TO-220 LITTELFUSE-TO-220 Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
SHENZHEN YONGERJIA INDU...
TO-220 WINNERJOIN-TO-220 Datasheet
141Kb / 1P
   Three-terminal positive voltage regulator
TO-220 WINNERJOIN-TO-220 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
logo
Rohm
TO-220 ROHM-TO-220 Datasheet
373Kb / 8P
   Packaging specifications
More results

Similar Description - TO-220

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com