Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV040T-15JI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49LV040T-15JI
Description  4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV040T-15JI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49LV040T-15JI Datasheet HTML 4Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 5Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 6Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 7Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 8Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 9Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 10Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 11Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AT49BV/LV040
11
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier Package (PLCC)
32T
32-Lead, Plastic Thin Small Outline Package (TSOP) 8 x 20 mm
32V
32-Lead, Plastic Thin Small Outline Package (TSOP) 8 x 14 mm
42C1
42-Ball, Plastic Chip-Scale Ball Grid Array (CBGA) 8 x 8 mm
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
25
0.05
AT49BV040-15CC
AT49BV040-15JC
AT49BV040-15TC
AT49BV040-15VC
42C1
32J
32T
32V
Commercial
(0°C to 70°C)
25
0.05
AT49BV040-15CI
AT49BV040-15JI
AT49BV040-15TI
AT49BV040-15VI
42C1
32J
32T
32V
Industrial
(-40°C to 85°C)
200
25
0.05
AT49BV040-20CC
AT49BV040-20JC
AT49BV040-20TC
AT49BV040-20VC
42C1
32J
32T
32V
Commercial
(0°C to 70°C)
25
0.05
AT49BV040-20CI
AT49BV040-20JI
AT49BV040-20TI
AT49BV040-20VI
42C1
32J
32T
32V
Industrial
(-40°C to 85°C)
150
25
0.05
AT49BV040T-15CC
AT49BV040T-15JC
AT49BV040T-15TC
AT49BV040T-15VC
42C1
32J
32T
32V
Commercial
(0°C to 70°C)
25
0.05
AT49BV040T-15CI
AT49BV040T-15JI
AT49BV040T-15TI
AT49BV040T-15VI
42C1
32J
32T
32V
Industrial
(-40°C to 85°C)
200
25
0.05
AT49BV040T-20CC
AT49BV040T-20JC
AT49BV040T-20TC
AT49BV040T-20VC
42C1
32J
32T
32V
Commercial
(0°C to 70°C)
25
0.05
AT49BV040T-20CI
AT49BV040T-20JI
AT49BV040T-20TI
AT49BV040T-20VI
42C1
32J
32T
32V
Industrial
(-40°C to 85°C)


Similar Part No. - AT49LV040T-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV040 ATMEL-AT49LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70JC ATMEL-AT49LV040-70JC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70JI ATMEL-AT49LV040-70JI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70TC ATMEL-AT49LV040-70TC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70TI ATMEL-AT49LV040-70TI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV040T-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com