Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LV55-12PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89LV55-12PC
Description  8-Bit Microcontroller with 20K Bytes Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LV55-12PC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89LV55-12PC Datasheet HTML 1Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 2Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 3Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 4Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 5Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 6Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 7Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 8Page - ATMEL Corporation AT89LV55-12PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AT89LV55
4-196
ALE/PROG
Address Latch Enable is an output pulse for latching the
low byte of the address during accesses to external mem-
ory. This pin is also the program pulse input (PROG) during
Flash programming.
In normal operation, ALE is emitted at a constant rate of 1/6
the oscillator frequency and may be used for external tim-
ing or clocking purposes. Note, however, that one ALE
pulse is skipped during each access to external data mem-
ory.
If desired, ALE operation can be disabled by setting bit 0 of
SFR location 8EH. With the bit set, ALE is active only dur-
ing a MOVX or MOVC instruction. Otherwise, the pin is
weakly pulled high. Setting the ALE-disable bit has no
effect if the microcontroller is in external execution mode.
PSEN
Program Store Enable is the read strobe to external pro-
gram memory.
When the AT89LV55 is executing code from external pro-
gram memory, PSEN is activated twice each machine
cycle, except that two PSEN activations are skipped during
each access to external data memory.
EA/VPP
External Access Enable. EA must be strapped to GND in
order to enable the device to fetch code from external pro-
gram memory locations starting at 0000H up to FFFFH.
Note, however, that if lock bit 1 is programmed, EA will be
internally latched on reset.
EA should be strapped to VCC for internal program execu-
tions.
This pin also receives the 12-volt programming enable volt-
age (VPP) during 12-volt Flash programming.
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.
Special Function Registers
A map of the on-chip memory area called the Special Func-
tion Register (SFR) space is shown in Table 1.
Note that not all of the addresses are occupied, and unoc-
cupied addresses may not be implemented on the chip.
Read accesses to these addresses will in general return
random data, and write accesses will have an indetermi-
nate effect.
User software should not write 1s to these unlisted loca-
tions, since they may be used in future products to invoke
new features. In that case, the reset or inactive values of
the new bits will always be 0.
Timer 2 Registers: Control and status bits are contained in
registers T2CON (shown in Table 2) and T2MOD (shown in
Table 4) for Timer 2. The register pair (RCAP2H, RCAP2L)
are the Capture/Reload registers for Timer 2 in 16-bit cap-
ture mode or 16-bit auto-reload mode.
Interrupt Registers: The individual interrupt enable bits
are in the IE register. Two priorities can be set for each of
the six interrupt sources in the IP register.
Data Memory
The AT89LV55 implements 256 bytes of on-chip RAM. The
upper 128 bytes occupy a parallel address space to the
Special Function Registers. That means the upper 128
bytes have the same addresses as the SFR space but are
physically separate from SFR space.
When an instruction accesses an internal location above
address 7FH, the address mode used in the instruction
specifies whether the CPU accesses the upper 128 bytes
of RAM or the SFR space. Instructions that use direct
addressing access SFR space.
For example, the following direct addressing instruction
accesses the SFR at location 0A0H (which is P2).
MOV 0A0H, #data
Instructions that use indirect addressing access the upper
128 bytes of RAM. For example, the following indirect
addressing instruction, where R0 contains 0A0H, accesses
the data byte at address 0A0H, rather than P2 (whose
address is 0A0H).
MOV @R0, #data
Note that stack operations are examples of indirect
addressing, so the upper 128 bytes of data RAM are avail-
able as stack space.


Similar Part No. - AT89LV55-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LV55-12PC ATMEL-AT89LV55-12PC Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55-12PC ATMEL-AT89LV55-12PC Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
More results

Similar Description - AT89LV55-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
   8-Bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_05 Datasheet
416Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
   8-bit Microcontroller with 20K Bytes QuickFlash짰
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com