Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S8252 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89S8252
Description  8-Bit Microcontroller with 8K Bytes Flash
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8252 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89S8252 Datasheet HTML 4Page - ATMEL Corporation AT89S8252 Datasheet HTML 5Page - ATMEL Corporation AT89S8252 Datasheet HTML 6Page - ATMEL Corporation AT89S8252 Datasheet HTML 7Page - ATMEL Corporation AT89S8252 Datasheet HTML 8Page - ATMEL Corporation AT89S8252 Datasheet HTML 9Page - ATMEL Corporation AT89S8252 Datasheet HTML 10Page - ATMEL Corporation AT89S8252 Datasheet HTML 11Page - ATMEL Corporation AT89S8252 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
AT89S8252
0401F–MICRO–11/03
Watchdog and Memory Control Register The WMCON register contains control bits for the Watchdog Timer (shown in
Table 3). The EEMEN and EEMWE bits are used to select the 2K bytes on-chip EEPROM, and to enable byte-write. The
DPS bit selects one of two DPTR registers available.
Table 3. WMCON—Watchdog and Memory Control Register
WMCON Address = 96H
Reset Value = 0000 0010B
PS2
PS1
PS0
EEMWE
EEMEN
DPS
WDTRST
WDTEN
Bit
765
43210
Symbol
Function
PS2
PS1
PS0
Prescaler Bits for the Watchdog Timer. When all three bits are set to “0”, the watchdog timer has a nominal period of
16 ms. When all three bits are set to “1”, the nominal period is 2048 ms.
EEMWE
EEPROM Data Memory Write Enable Bit. Set this bit to “1” before initiating byte write to on-chip EEPROM with the
MOVX instruction. User software should set this bit to “0” after EEPROM write is completed.
EEMEN
Internal EEPROM Access Enable. When EEMEN = 1, the MOVX instruction with DPTR will access on-chip EEPROM
instead of external data memory. When EEMEN = 0, MOVX with DPTR accesses external data memory.
DPS
Data Pointer Register Select. DPS = 0 selects the first bank of Data Pointer Register, DP0, and DPS = 1 selects the
second bank, DP1
WDTRST
RDY/BSY
Watchdog Timer Reset and EEPROM Ready/Busy Flag. Each time this bit is set to “1” by user software, a pulse is
generated to reset the watchdog timer. The WDTRST bit is then automatically reset to “0” in the next instruction cycle.
The WDTRST bit is Write-Only. This bit also serves as the RDY/BSY flag in a Read-Only mode during EEPROM write.
RDY/BSY = 1 means that the EEPROM is ready to be programmed. While programming operations are being executed,
the RDY/BSY bit equals “0” and is automatically reset to “1” when programming is completed.
WDTEN
Watchdog Timer Enable Bit. WDTEN = 1 enables the watchdog timer and WDTEN = 0 disables the watchdog timer.


Similar Part No. - AT89S8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8252 ATMEL-AT89S8252 Datasheet
479Kb / 41P
   8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252 Datasheet
610Kb / 34P
   8-bit Microcontroller with 8K Bytes Flash
logo
List of Unclassifed Man...
AT89S8252 ETC2-AT89S8252 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89S8252-24AC ATMEL-AT89S8252-24AC Datasheet
479Kb / 41P
   8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24AC ATMEL-AT89S8252-24AC Datasheet
439Kb / 34P
   8-bit Microcontroller with 8K Bytes Flash
More results

Similar Description - AT89S8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
   8-Bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
   8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252 Datasheet
470Kb / 31P
   8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
   8-bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_02 Datasheet
439Kb / 34P
   8-bit Microcontroller with 8K Bytes Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com