Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBC-1217-D48P-C Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # RBC-1217-D48P-C
Description  RBC-12/17-D48 Series Quarter Brick, Regulated Bus Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RBC-1217-D48P-C Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button RBC-1217-D48P-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. RBC-1217-D48P-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
OSCILLOGRAMS
Stepload Transient Response (Vin=48V, Iout=25-75-25% of Imax, Cout=1 & 10uF,
Ta=+25°C, Scope BW=20MHz)
Stepload Transient Response (Vin=48V, Iout=50-75-50% of Imax, Cout=1 & 10uF,
Ta=+25°C, Scope BW=20MHz)
Output Ripple and Noice (Vin=48V, Iout=17A, Cout=1 & 10uF,
Ta=+25°C, Scope BW=20MHz)
RBC-12/17-D48 Series
Quarter Brick, Regulated Bus Converters
MDC_RBC-12/17-D48.B02 Page 8 of 10
www.murata-ps.com/support


Similar Part No. - RBC-1217-D48P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
RBC-12-D48NB-C MURATA-PS-RBC-12-D48NB-C Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
RBC-12-D48PB-C MURATA-PS-RBC-12-D48PB-C Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
Murata Manufacturing Co...
RBC-12/17-D48 MURATA-RBC-12/17-D48 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
More results

Similar Description - RBC-1217-D48P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
TDK Electronics
IQG TDK-IQG Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com