Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD847JRZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD847JRZ
Description  High Speed, Low Power Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847JRZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD847JRZ Datasheet HTML 4Page - Analog Devices AD847JRZ Datasheet HTML 5Page - Analog Devices AD847JRZ Datasheet HTML 6Page - Analog Devices AD847JRZ Datasheet HTML 7Page - Analog Devices AD847JRZ Datasheet HTML 8Page - Analog Devices AD847JRZ Datasheet HTML 9Page - Analog Devices AD847JRZ Datasheet HTML 10Page - Analog Devices AD847JRZ Datasheet HTML 11Page - Analog Devices AD847JRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD847
REV. F
–11–
A High Speed, Three Op-Amp In-Amp
The circuit of Figure 26 lends itself well to CCD imaging and
other video speed applications. It uses two high speed CB pro-
cess op-amps: Amplifier A3, the output amplifier, is an AD847.
The input amplifier (A1 and A2) is an AD827, which is a dual
version of the AD847. This circuit has the optional flexibility of
both dc and ac trims for common-mode rejection, plus the abil-
ity to adjust for minimum settling time.
PIN 7 AD847,
PIN 8 AD827
1
µF
1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
EACH
AMPLIFIER
+15V
–15V
COMM
+VS
–VS
10
µF
10
µF
PIN 4
AD847 & AD827
AD847
2–8pF
SETTLING TIME
AC CMR ADJUST
2k
1.87k
2k
2k
5pF
R G
VOUT
200
DC CMR
ADJUST
2k
R L
CIRCUIT GAIN =
+ 1
2000
G
R
IN
+V
2
3
1
A1
1/2
AD827
1k
–V
IN
6
5
7
A2
1/2
AD827
1k
2
3
6
A3
100Hz
1kHz
10kHz
100kHz
1MHz
88.3dB
87.4dB
86.2dB
67.4dB
47.1dB
INPUT
FREQUENCY
CMRR
THD + NOISE
BELOW INPUT
LEVEL
@ 10kHz
1
2
10
100
OPEN
2k
226
20
2–8
2–8
2–8
2–8
16.1MHz
14.7MHz
4.5MHz
660kHz
200ns
200ns
370ns
2.5
µs
82dB
82dB
81dB
71dB
GAIN
R G
SMALL
SIGNAL
BANDWIDTH
SETTLING
TIME
TO 0.1%
C
(pF)
ADJ
BANDWIDTH, SETTLING TIME AND TOTAL HARMONIC DISTORTION VS. GAIN
Figure 26. A High Speed In-Amp Circuit for Data Acquisition


Similar Part No. - AD847JRZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

Similar Description - AD847JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com