Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV080T-12RC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49LV080T-12RC
Description  8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV080T-12RC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49LV080T-12RC Datasheet HTML 4Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 5Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 6Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 7Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 8Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 9Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 10Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 11Page - ATMEL Corporation AT49LV080T-12RC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tBP
Byte Programming Time
30
50
µs
tAS
Address Set-up Time
0
ns
tAH
Address Hold Time
100
ns
tDS
Data Set-up Time
100
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
200
ns
tWPH
Write Pulse Width High
200
ns
tEC
Erase Cycle Time
10
seconds
Program Cycle Waveforms
Chip Erase Cycle Waveforms
Note:
OE must be high only when WE and CE are both low.
8
AT49BV/LV080


Similar Part No. - AT49LV080T-12RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001 ATMEL-AT49LV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001 ATMEL-AT49LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001-12JC ATMEL-AT49LV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12PC ATMEL-AT49LV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12TC ATMEL-AT49LV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV080T-12RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com