Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD847SQ883B Datasheet(PDF) 5 Page - Analog Devices

Part # AD847SQ883B
Description  High Speed, Low Power Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847SQ883B Datasheet(HTML) 5 Page - Analog Devices

  AD847SQ883B Datasheet HTML 1Page - Analog Devices AD847SQ883B Datasheet HTML 2Page - Analog Devices AD847SQ883B Datasheet HTML 3Page - Analog Devices AD847SQ883B Datasheet HTML 4Page - Analog Devices AD847SQ883B Datasheet HTML 5Page - Analog Devices AD847SQ883B Datasheet HTML 6Page - Analog Devices AD847SQ883B Datasheet HTML 7Page - Analog Devices AD847SQ883B Datasheet HTML 8Page - Analog Devices AD847SQ883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD847
REV. F
–5–
Typical Characteristics (@ +25 C and V
S =
15 V, unless otherwise noted)
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
± Volts
–VIN
+VIN
Figure 1. Input Common-Mode Range vs. Supply Voltage
±15 V SUPPLIES
30
0
10k
15
5
100
10
10
20
1k
25
LOAD RESISTANCE –
±5V SUPPLIES
Figure 3. Output Voltage Swing vs. Load Resistance
–60
140
–40
120
100
80
60
40
20
0
–20
5
4
3
2
TEMPERATURE –
°C
V =
± 5V
S
Figure 5. Input Bias Current vs. Temperature
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
± Volts
+VOUT
–VOUT
R
= 500
LOAD
Figure 2. Output Voltage Swing vs. Supply Voltage
6
4
020
5.5
4.5
5
5
10
15
SUPPLY VOLTAGE –
± Volts
Figure 4. Quiescent Current vs. Supply Voltage
100
0.01
10k
100M
10
0.1
100k
1
1M
10M
FREQUENCY – Hz
Figure 6. Output Impedance vs. Frequency


Similar Part No. - AD847SQ883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847SQ883B AD-AD847SQ883B Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

Similar Description - AD847SQ883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com