Electronic Components Datasheet Search |
|
AT59C13W-10SC-2.5 Datasheet(PDF) 2 Page - ATMEL Corporation |
|
AT59C13W-10SC-2.5 Datasheet(HTML) 2 Page - ATMEL Corporation |
2 / 13 page AT59C11/22/13 2 Block Diagram(1) Note: 1. When the ORG pin is connected to V CC, the x 16 organization is selected. When it is connected to ground, the x 8 organiza- tion is selected. If the ORG pin is left unconnected, then an internal pullup device will select the x 16 organization. Absolute Maximum Ratings* Operating Temperature .................................. -55 °C to +125°C *NOTICE: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent dam- age to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability Storage Temperature ..................................... -65 °C to +150°C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage........................................... 6.25V DC Output Current........................................................ 5.0 mA |
Similar Part No. - AT59C13W-10SC-2.5 |
|
Similar Description - AT59C13W-10SC-2.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |