Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7228ABN Datasheet(PDF) 1 Page - Analog Devices

Part # AD7228ABN
Description  LC2MOS Octal 8-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228ABN Datasheet(HTML) 1 Page - Analog Devices

  AD7228ABN Datasheet HTML 1Page - Analog Devices AD7228ABN Datasheet HTML 2Page - Analog Devices AD7228ABN Datasheet HTML 3Page - Analog Devices AD7228ABN Datasheet HTML 4Page - Analog Devices AD7228ABN Datasheet HTML 5Page - Analog Devices AD7228ABN Datasheet HTML 6Page - Analog Devices AD7228ABN Datasheet HTML 7Page - Analog Devices AD7228ABN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Octal 8-Bit DAC
AD7228A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
PRODUCT HIGHLIGHTS
1. Eight DACs and Amplifiers in Small Package
The single-chip design of eight 8-bit DACs and amplifiers al-
lows a dramatic reduction in board space requirements and
offers increased reliability in systems using multiple convert-
ers. Its pinout is aimed at optimizing board layout with all
analog inputs and outputs at one side of the package and all
digital inputs at the other.
2. Single or Dual Supply Operation
The voltage-mode configuration of the DACs allows single
supply operation of the AD7228A. The part can also be oper-
ated with dual supplies giving enhanced performance for
some parameters.
3. Microprocessor Compatibility
The AD7228A has a common 8-bit data bus with individual
DAC latches, providing a versatile control architecture for
simple interface to microprocessors. All latch enable signals
are level triggered and speed compatible with most high per-
formance 8-bit microprocessors.
FEATURES
Eight 8-Bit DACs with Output Amplifiers
Operates with Single +5 V, +12 V or +15 V
or Dual Supplies
P Compatible (95 ns WR Pulse)
No User Trims Required
Skinny 24-Pin DlPs, SOIC, and 28-Terminal Surface
Mount Packages
GENERAL DESCRIPTION
The AD7228A contains eight 8-bit voltage-mode digital-to-
analog converters, with output buffer amplifiers and interface
logic on a single monolithic chip. No external trims are required
to achieve full specified performance for the part.
Separate on-chip latches are provided for each of the eight D/A
converters. Data is transferred into the data latches through a
common 8-bit TTL/CMOS (5 V) compatible input port. Ad-
dress inputs A0, A1 and A2 determine which latch is loaded
when WR goes low. The control logic is speed compatible with
most 8-bit microprocessors.
Specified performance is guaranteed for input reference voltages
from +2 to +10 V when using dual supplies. The part is also
specified for single supply +15 V operation using a reference of
+10 V and single supply +5 V operation using a reference of
+1.23 V. Each output buffer amplifier is capable of developing
+10 V across a 2 k
Ω load.
The AD7228A is fabricated on an all ion-implanted, high-
speed, Linear Compatible CMOS (LC
2MOS) process which has
been specifically developed to integrate high-speed digital logic
circuits and precision analog circuits on the same chip.


Similar Part No. - AD7228ABN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7228ABN AD-AD7228ABN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7228ABN AD-AD7228ABN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results

Similar Description - AD7228ABN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com