Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7742 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7742
Description  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7742 Datasheet(HTML) 5 Page - Analog Devices

  AD7742 Datasheet HTML 1Page - Analog Devices AD7742 Datasheet HTML 2Page - Analog Devices AD7742 Datasheet HTML 3Page - Analog Devices AD7742 Datasheet HTML 4Page - Analog Devices AD7742 Datasheet HTML 5Page - Analog Devices AD7742 Datasheet HTML 6Page - Analog Devices AD7742 Datasheet HTML 7Page - Analog Devices AD7742 Datasheet HTML 8Page - Analog Devices AD7742 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
AD7741/AD7742
–5–
AD7741 PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Function
1VDD
Power Supply Input. These parts can be operated from +4.75 V to +5.25 V and the supply should
be adequately decoupled to GND.
2
GND
Ground reference point for all circuitry on the part.
3
CLKOUT
External Clock Output. When the master clock for the device is a crystal, the crystal is connected
between CLKIN and CLKOUT. When an external clock is applied to CLKIN, the CLKOUT pin
provides an inverted clock signal. This clock should be buffered if it is to be used as a clock source
elsewhere in the system.
4
CLKIN
External Clock Input. The master clock for the device can be provided in the form of a crystal or an
external clock. A crystal may be tied across the CLKIN and CLKOUT pins. Alternatively, the
CLKIN pin may be driven by a CMOS-compatible clock and CLKOUT left unconnected. The
frequency of the master clock may be as high as 6 MHz.
5
REFIN/OUT
This is the reference input to the core of the VFC and defines the span of the VFC. If this pin is left
unconnected, the internal 2.5 V reference is used. Alternatively, a precision external reference (e.g.,
REF192) may be used to overdrive the internal reference. The internal bandgap reference has a
high output impedance in order to allow it to be overdriven.
6VIN
The analog input to the VFC. It has an input range from 0 V to VREF. This input is buffered so it
draws virtually no current from whatever source is driving it.
7
PD
Active Low Power-Down pin. When this input is low, the part enters power-down mode where it
typically consumes 15
µA of current.
8fOUT
Frequency Output. This pin provides the output of the synchronous VFC.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VDD
fOUT
AD7741
GND
PD
CLKOUT
VIN
CLKIN
REFIN/OUT


Similar Part No. - AD7742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7742 AD-AD7742 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BN AD-AD7742BN Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BN AD-AD7742BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BN AD-AD7742BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BR AD-AD7742BR Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

Similar Description - AD7742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com