Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV080T-12RI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49LV080T-12RI
Description  8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV080T-12RI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49LV080T-12RI Datasheet HTML 4Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 5Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 6Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 7Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 8Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 9Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 10Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 11Page - ATMEL Corporation AT49LV080T-12RI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ordering Information
Package Type
42C2
42-Ball, Plastic Chip-Size Ball Grid Array Package (CBGA) 8 x 14 mm
44R
44-Lead, 0.525" Wide, Plastic Gull Wing Small Outline Package (SOIC/SOP)
40T
40-Lead, Thin Small Outline Package (TSOP)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
120
25
0.05
AT49BV080-12CC
42C2
Commercial
AT49BV080-12RC
44R
(0
° to 70°C)
AT48BV080-12TC
40T
25
0.05
AT49BV080-12CI
42C2
Industrial
AT49BV080-12RI
44R
(-40
° to 85°C)
AT49BV080-12TI
40T
150
25
0.05
AT49BV080-15CC
42C2
Commercial
AT49BV080-15RC
44R
(0
° to 70°C)
AT49BV080-15TC
40T
25
0.05
AT49BV080-15CI
42C2
Industrial
AT49BV080-15RI
44R
(-40
° to 85°C)
AT49BV080-15TI
40T
200
25
0.05
AT49BV080-20CC
42C2
Commercial
AT49BV080-20RC
44R
(0
° to 70°C)
AT49BV080-20TC
40T
25
0.05
AT49BV080-20CI
42C2
Industrial
AT49BV080-20RI
44R
(-40
° to 85°C)
AT49BV080-20TI
40T
120
25
0.05
AT49BV080T-12CC
42C2
Commercial
AT49BV080T-12RC
44R
(0
° to 70°C)
AT48BV080T-12TC
40T
25
0.05
AT49BV080T-12CI
42C2
Industrial
AT49BV080T-12RI
44R
(-40
° to 85°C)
AT49BV080T-12TI
40T
150
25
0.05
AT49BV080T-15CC
42C2
Commercial
AT49BV080T-15RC
44R
(0
° to 70°C)
AT49BV080T-15TC
40T
25
0.05
AT49BV080T-15CI
42C2
Industrial
AT49BV080T-15RI
44R
(-40
° to 85°C)
AT49BV080T-15TI
40T
200
25
0.05
AT49BV080T-20CC
42C2
Commercial
AT49BV080T-20RC
44R
(0
° to 70°C)
AT49BV080T-20TC
40T
25
0.05
AT49BV080T-20CI
42C2
Industrial
AT49BV080T-20RI
44R
(-40
° to 85°C)
AT49BV080T-20TI
40T
AT49BV/LV080
11


Similar Part No. - AT49LV080T-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001 ATMEL-AT49LV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001 ATMEL-AT49LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001-12JC ATMEL-AT49LV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12PC ATMEL-AT49LV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12TC ATMEL-AT49LV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV080T-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com