Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7810YRZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7810YRZ-REEL7
Description  2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7810YRZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7810YRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD7810
–7–
REV. B
When using the pseudo differential input scheme, the signal on
VIN– must not vary by more than a 1/2 LSB during the conver-
sion process. If the signal on VIN– varies during conversion, the
conversion result will be incorrect. For single-ended operation,
VIN– is always connected to AGND. Figure 9 shows the AD7810
pseudo differential input being used to make a unipolar dc cur-
rent measurement. A sense resistor is used to convert the current
to a voltage and the voltage, is applied to the differential input
as shown.
VDD
RSENSE
RL
VIN+
VIN
AD7810
Figure 9. DC Current Measurement Scheme
DC Acquisition Time
The ADC starts a new acquisition phase at the end of a conver-
sion and ends on the falling edge of the CONVST signal. At the
end of a conversion there is a settling time associated with the
sampling circuit. This settling time lasts approximately 100 ns.
The analog signal on VIN+ is also being acquired during this
settling time; therefore, the minimum acquisition time needed is
approximately 100 ns.
Figure 10 shows the equivalent charging circuit for the sampling
capacitor when the ADC is in its acquisition phase. R2 repre-
sents the source impedance of a buffer amplifier or resistive
network; R1 is an internal multiplexer resistance and C1 is the
sampling capacitor.
C1
3.5pF
R1
125
VIN+
R2
Figure 10. Equivalent Sampling Circuit
During the acquisition phase, the sampling capacitor must be
charged to within a 1/2 LSB of its final value. The time it takes
to charge the sampling capacitor (tCHARGE) is given by the fol-
lowing formula:
tCHARGE = 7.6
× (R2 + 125 Ω) × 3.5 pF
For small values of source impedance, the settling time associated
with the sampling circuit (100 ns) is, in effect, the acquisition
time of the ADC. For example, with a source impedance (R2)
of 10
Ω, the charge time for the sampling capacitor is approxi-
mately 4 ns. The charge time becomes significant for source
impedances of 2 k
Ω and greater.
AC Acquisition Time
In ac applications it is recommended to always buffer analog
input signals. The source impedance of the drive circuitry must
be kept as low as possible to minimize the acquisition time of
the ADC. Large values of source impedance will cause the THD
to degrade at high throughput rates. In addition, better perfor-
mance can generally be achieved by using an external 1 nF
capacitor on VIN+.
ADC TRANSFER FUNCTION
The output coding of the AD7810 is straight binary. The
designed code transitions occur at successive integer LSB values
(i.e., 1 LSB, 2 LSBs, etc.). The LSB size is = VREF/1024. The
ideal transfer characteristic for the AD7810 is shown in Figure
11 below.
000...010
000...001
000...000
0V
+VREF –1LSB
ANALOG INPUT
111...111
111...110
111...000
011...111
1LSB
1LSB = VREF/1024
Figure 11. Transfer Characteristic


Similar Part No. - AD7810YRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810YR AD-AD7810YR Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YR AD-AD7810YR Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YRM AD-AD7810YRM Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YRM AD-AD7810YRM Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
More results

Similar Description - AD7810YRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823 AD-AD7823_17 Datasheet
187Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com