Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8001AR-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8001AR-REEL
Description  800 MHz, 50 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001AR-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8001AR-REEL Datasheet HTML 5Page - Analog Devices AD8001AR-REEL Datasheet HTML 6Page - Analog Devices AD8001AR-REEL Datasheet HTML 7Page - Analog Devices AD8001AR-REEL Datasheet HTML 8Page - Analog Devices AD8001AR-REEL Datasheet HTML 9Page - Analog Devices AD8001AR-REEL Datasheet HTML 10Page - Analog Devices AD8001AR-REEL Datasheet HTML 11Page - Analog Devices AD8001AR-REEL Datasheet HTML 12Page - Analog Devices AD8001AR-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV. D
AD8001
–8–
–60
JUNCTION TEMPERATURE – C
0
1
6
–40
–20
0
20
40
60
80
100
120
140
3
4
5
2
VS = 5V
RL = 150
VOUT = 2.5V
–TZ
+TZ
TPC 25. Transresistance vs. Temperature
100
10
1
10
100
10k
1k
FREQUENCY – Hz
100
10
1
100k
INVERTING CURRENT VS = 5V
NONINVERTING CURRENT VS = 5V
VOLTAGE NOISE VS = 5V
TPC 26. Noise vs. Frequency
–60
JUNCTION TEMPERATURE – C
–48
–40
–20
0
20
40
60
80
100
120
140
–51
–50
–49
–53
–55
–54
–52
–56
+CMRR
–CMRR
2.5V SPAN
TPC 27. CMRR vs. Temperature
100k
100M
10M
1M
10k
0.01
1k
10
0.1
100
FREQUENCY – Hz
1
G = +2
RF = 909
TPC 28. Output Resistance vs. Frequency
1
–4
–9
1M
10M
1G
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
G = –1
RL = 100
VIN = 50mV
RF = 576
RF = 649
RF = 750
TPC 29. –3 dB Bandwidth vs. Frequency, G = –1
–60
JUNCTION TEMPERATURE – C
–52.5
–40
–20
0
20
40
60
80
100
–62.5
–60.0
–57.5
–67.5
–75.0
–72.5
–65.0
–77.5
–70.0
–55.0
+PSRR
–PSRR
3V SPAN
CURVES ARE FOR WORST-
CASE CONDITION WHERE
ONE SUPPLY IS VARIED
WHILE THE OTHER IS
HELD CONSTANT.
TPC 30. PSRR vs. Temperature


Similar Part No. - AD8001AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Similar Description - AD8001AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com