Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7902BRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7902BRUZ
Description  ISM Band FSK Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7902BRUZ Datasheet(HTML) 1 Page - Analog Devices

  ADF7902BRUZ Datasheet HTML 1Page - Analog Devices ADF7902BRUZ Datasheet HTML 2Page - Analog Devices ADF7902BRUZ Datasheet HTML 3Page - Analog Devices ADF7902BRUZ Datasheet HTML 4Page - Analog Devices ADF7902BRUZ Datasheet HTML 5Page - Analog Devices ADF7902BRUZ Datasheet HTML 6Page - Analog Devices ADF7902BRUZ Datasheet HTML 7Page - Analog Devices ADF7902BRUZ Datasheet HTML 8Page - Analog Devices ADF7902BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ISM Band
FSK Receiver IC
ADF7902
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Single-chip, low power UHF receiver
Companion receiver to ADF7901 transmitter
Frequency range: 369.5 MHz to 395.9 MHz
Eight RF channels selectable with three digital inputs
Modulation parameters supported
FSK demodulation
2 kbps data rate
34.8 kHz frequency deviation
5.0 V supply voltage
Low power consumption
18.5 mA with receiver enabled
1 μA standby current
24-lead TSSOP
GENERAL DESCRIPTION
The ADF7902 is a low power UHF receiver. The device demodu-
lates frequency shift keyed (FSK) signals with 34.8 kHz frequency
deviation and at data rates of up to 2 kbps. There are eight specific
RF channels ranging from 369.5 MHz to 395.9 MHz on which the
receiver can operate. Each channel is selectable by configuring
three digital control lines.
The ADF7902 is designed for low power applications, consuming
18.5 mA (typical) during normal operation and 1 μA (maximum)
in standby mode.
FUNCTIONAL BLOCK DIAGRAM
IF FILTER
FSK
DEMODULATOR
CP
LNA
VCO
PFD
OSC
N DIVIDER
SELECT
CPOUT
VCOIN
OSC1
CLKOUT
CH1_SEL
CH2_SEL
CH3_SEL
Rx_DATA
LNA_1
LNA_2
BIAS
LDO1
LDO2
CREG1
LNA_RSET
RSET
GND
CE
ADF7902
CLKOUT_ENB
VBAT1
CREG2
VBAT2
OSC2
CVCO
Figure 1.


Similar Part No. - ADF7902BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Similar Description - ADF7902BRUZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com