Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7902BRUZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF7902BRUZ1
Description  ISM Band FSK Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7902BRUZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF7902BRUZ1 Datasheet HTML 4Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 5Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 6Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 7Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 8Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 9Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 10Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 11Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADF7902
Rev. 0 | Page 9 of 12
TEST MODES
If CLKOUT_ENB is tied high, CLKOUT is disabled. The
CLKOUT pin is reconfigured as a test enable input. If the
CLKOUT pin is then tied low, the part operates as is normal
with CLKOUT off. If it is tied high (2.2 V), the part is in test
mode. Test mode is described in Table 5.
When CLKOUT_ENB = 0, RSSI appears on the test output pin
(Pin 2), and CLKOUT is configured as an output with a 9.8 MHz
clock coming out.
When test mode is enabled, the channel frequency is set to
369.5 MHz (Channel 1).
Table 5. Test Modes
CH1_SEL
CH2_SEL
CH3_SEL
Test Mode
0
0
0
agc gain is set to maximum (filti is also set to maximum on test output pin)
0
0
1
filti on test output pin
0
1
0
filtq on test output pin
0
1
1
Charge pump output is set to maximum (test pin is also tri-state)
1
0
0
Charge pump output is set to minimum (also n-divider output ÷ 2 on test output pin)
1
0
1
Charge pump is tri-state (test pin is also tri-state)
1
1
0
n-divider output ÷ 2 on test output pin
1
1
1
Recovered data clock on test output pin


Similar Part No. - ADF7902BRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Similar Description - ADF7902BRUZ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com